Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-DA-R2

  • AI
    The **M2AMS-DA-R2** is a specialized electronic module typically used in industrial automation, specifically within the **M-System** (M-Unit) series. It serves as a **Potentiometer Transmitter** designed to convert resistance changes from a potentiometer (like a position sensor) into standard DC voltage or current signals. --- ### 1. Core Electronic Functions The device operates by measuring the wiper position of a potentiometer and linearizing that value into an analog output. | Component Group | Functionality | | :--- | :--- | | **Input Section** | Receives 3-wire potentiometer signals (standard $100 \Omega$ to $10 \text{k}\Omega$). | | **Isolation Barrier** | Provides 3-way isolation (Input to Output to Power) to prevent ground loops. | | **Signal Conditioner** | Converts the mechanical resistance percentage into a linear electrical signal. | | **Output Stage** | Drives the final analog signal (e.g., 4–20mA or 0–10V DC). | --- ### 2. Technical Specifications The "R2" suffix usually denotes specific power requirements and revision standards within the M-System catalog. | Specification | Details | | :--- | :--- | | **Power Input** | Typically 24V DC (Standard for R2 designation). | | **Input Resistance** | Total resistance $100 \Omega$ to $10 \text{k}\Omega$. | | **Output Options** | DC Current (4–20mA) or DC Voltage (0–10V, 1–5V). | | **Accuracy** | $\pm 0.1\%$ of span. | | **Response Time** | $\leq 0.5$ seconds (0 to 90%). | | **Isolation** | 2000V AC @ 1 minute. | --- ### 3. Circuit Interface (Pinout Basics) While specific wiring depends on the base socket, the electronic interface generally follows this logic: ```mermaid graph LR A[Potentiometer] --> B(Input Terminals) B --> C{Isolation & CPU} C --> D(Output Terminals) E[24V DC Power] --> C ``` 1. **Terminals 1, 2, 3:** Usually reserved for the High, Wiper, and Low ends of the potentiometer. 2. **Terminals 4, 5:** Standard DC Power input. 3. **Terminals 6, 7:** Analog Output signal. --- ### 4. Key Features for Electronics Engineering * **Burnout Protection:** The module can be configured to drive the output to a specific limit (e.g., >20mA) if the potentiometer wire breaks. * **Zero/Span Adjustment:** Includes front-facing potentiometers (trimmers) to calibrate the 0% and 100% points manually. * **Plug-in Base:** The electronics are housed in a "plug-in" style module, allowing for replacement without disconnecting the field wiring from the base.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on the M2AMS?
    • ⤷ What are the specific wiring differences between the R and R2 models?
    • ⤷ Can this module handle potentiometers higher than 10k ohms?