Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-DC-R

  • AI
    The **M2AMS-DC-R** is a specific model within the **M2 Series** of signal conditioners manufactured by M-System. It is primarily a **Potentiometer Transmitter**, designed to detect the position of a potentiometer (slidewire) and convert it into a standard analog signal. --- ### 1. Key Technical Specifications The model name "M2AMS-DC-R" can be broken down into its electronic characteristics: | Part Code Segment | Specification | Description | |:---|:---|:---| | **M2AMS** | Model Series | Potentiometer Transmitter (Plug-in type) | | **-DC** | Output Signal | 4 to 20 mA DC (Current Loop) | | **-R** | Power Input | 24V DC | --- ### 2. Electronic Component Functions The internal circuitry of the M2AMS-DC-R performs several critical electronic tasks: #### A. Potentiometer Interface * **Excitation Voltage:** The unit provides a constant low-voltage excitation to the external potentiometer. * **Resistance Range:** It is typically designed to work with total resistances ranging from $100\,\Omega$ to $10\,k\Omega$. #### B. Signal Conditioning & Isolation * **Three-Way Isolation:** The device provides electronic isolation between the **Input**, **Output**, and **Power supply**. This prevents ground loops and protects sensitive control equipment from electrical surges. * **Linearization:** It converts the non-linear or mechanical movement of the resistance wiper into a strictly linear electrical output. #### C. Calibration Adjustments On the front panel, the unit features two multi-turn electronic trimmers: 1. **Zero Adjustment:** Sets the output to 4mA when the potentiometer is at the minimum position. 2. **Span Adjustment:** Sets the output to 20mA when the potentiometer is at the maximum position. --- ### 3. Connection Diagram (Simplified) The M2AMS-DC-R is a plug-in module that fits into a specialized base. ```mermaid graph LR Pot[Potentiometer] -- Resistance --> M2AMS[M2AMS-DC-R] M2AMS -- 4-20mA --> Controller[PLC/DCS] Power[24V DC] -- Supply --> M2AMS ``` --- ### 4. Summary of Use Cases * **Valve Positioning:** Sensing the exact opening percentage of a motorized valve. * **Mechanical Displacement:** Measuring the movement of a piston or lever. * **Industrial Feedback:** Providing position data to a PLC (Programmable Logic Controller) in harsh electrical environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum resistance range supported by the M2AMS-DC-R?
    • ⤷ Does this model support 110V AC power input alternatives?
    • ⤷ How do I perform a field calibration for the Zero and Span settings?