Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-DC-R2

  • AI
    The **M2AMS-DC-R2** is a high-performance **Dual-Channel Isolated Signal Transmitter/Converter** typically used in industrial automation and process control. It is designed to convert DC signals (current or voltage) into standardized output signals while providing galvanic isolation between the input, output, and power supply. --- ### 1. Core Technical Specifications The "R2" suffix usually denotes a specific power supply range (typically 24V DC) and dual-channel configuration. | Feature | Specification | | :--- | :--- | | **Channels** | Dual Channel (2 Inputs / 2 Outputs) | | **Input Signal** | DC Voltage (0-10V, 1-5V) or Current (4-20mA, 0-20mA) | | **Output Signal** | DC Voltage or Current (user-configurable or factory set) | | **Isolation Voltage** | 2000V AC per minute (Input to Output to Power) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (Standard) | | **Power Supply** | 24V DC (±10%) | --- ### 2. Internal Electronic Components & Design The device is built using several key electronic stages to ensure precision and safety: #### A. Input Signal Conditioning Stage * **Precision Resistors:** Used for current-to-voltage conversion (shunt resistors). * **Operational Amplifiers (Op-Amps):** Low-drift amplifiers that buffer and scale the incoming DC signal. #### B. Galvanic Isolation Barrier * **Optocouplers or Transformers:** These components allow the signal to pass across a physical gap without electrical contact. This protects sensitive PLC/DCS systems from high-voltage surges or ground loops. * **DC-DC Converter:** An internal transformer-based circuit that provides isolated power to the input and output stages independently. #### C. Signal Processing & Output * **Analog-to-Digital / Digital-to-Analog Converters (ADC/DAC):** In modern versions, the signal is digitized to allow for linear compensation before being converted back to an analog output. * **Output Drive Circuitry:** Power transistors or high-current op-amps that ensure the signal can travel over long distances (up to 500-750Ω load for 4-20mA). --- ### 3. Connection Diagram Overview Typical wiring involves six primary blocks of terminals: ```text [ Power Supply ] -> 24V DC (+/-) [ Input Ch 1 ] -> Signal (+) / Common (-) [ Output Ch 1 ] -> Signal (+) / Common (-) [ Input Ch 2 ] -> Signal (+) / Common (-) [ Output Ch 2 ] -> Signal (+) / Common (-) ``` ### 4. Key Advantages 1. **Ground Loop Elimination:** By isolating the channels, it prevents measurement errors caused by potential differences between field instruments and the control room. 2. **Dual Density:** Two independent channels in a single narrow housing save significant space on the DIN rail. 3. **Signal Conversion:** It can act as a bridge (e.g., converting a 0-10V sensor signal to a 4-20mA signal for a PLC). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dip-switch settings for changing input ranges on the M2AMS?
    • ⤷ What is the maximum load resistance supported for the 4-20mA output?
    • ⤷ How does the R2 model differ from the R1 or R3 variants in this series?