Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-DD-R

  • AI
    The **M2AMS-DD-R** is a specific model within the **Advantech M2AMS** series. It is a modular, high-performance expansion kit designed primarily for medical-grade computing systems and fanless embedded controllers. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications The "DD" in the model name typically refers to its specific I/O configuration (Dual Display or Dual D-sub). | Feature | Specification | | :--- | :--- | | **Interface Type** | High-speed board-to-board connector | | **Expansion Slot** | Internal Mini-PCIe or M.2 compatibility (model dependent) | | **Display Support** | Dual Isolated RS-232/422/485 or VGA/DVI options | | **Isolation Protection** | 2.5kV High-voltage isolation | | **Form Factor** | Proprietary internal daughterboard | | **Compliance** | IEC-60601-1 (Medical Grade) | --- ### 2. Core Electronic Components #### A. Digital Isolators (Isolation Circuitry) One of the most critical parts of the M2AMS-DD-R is the **Galvanic Isolation** layer. * **Purpose:** It uses optocouplers or magnetic isolators to prevent electrical surges from the external ports (like COM ports) from damaging the main CPU board. * **Benefit:** Essential for medical environments to protect patients and sensitive equipment. #### B. UART Controllers (Transceivers) The board features high-reliability transceivers (often from manufacturers like MaxLinear or TI). * These chips manage the conversion of logic signals to **RS-232, RS-422, or RS-485** standards. * They provide the "DD" (Dual) communication channels. #### C. Power Management Integrated Circuits (PMICs) Since the module draws power from the host motherboard via the expansion header, it contains localized voltage regulators to: * Convert 12V or 5V input to the 3.3V required by the onboard logic. * Provide stable power to the isolated side of the circuit. --- ### 3. Connection Architecture The M2AMS-DD-R functions as a bridge between the **Main Logic Board** and the **External Interface**. 1. **Host Interface:** Connects via a multi-pin high-density connector to the PC's motherboard. 2. **Logic Processing:** Signals are filtered and isolated on the M2AMS board. 3. **Output:** Routed to the physical D-Sub (DB9) or specialized connectors on the chassis I/O plate. --- ### 4. Common Use Cases * **Medical Equipment:** Interfacing ventilators or patient monitors with a central PC while maintaining electrical safety. * **Industrial Automation:** Connecting to legacy PLC systems in high-noise environments. * **Dual Display Setup:** Using the module to add redundant video outputs in fanless controllers.
    ✨ Follow-up Questions
    • ⤷ What are the specific installation requirements for the M2AMS-DD-R in a fanless chassis?
    • ⤷ Does the M2AMS-DD-R require specific drivers for Windows 10/11?
    • ⤷ What is the difference between the M2AMS-DD-R and the M2AMS-S-R models?