AI

The **M2AMS2-11-R** is a specific variant of a sub-miniature toggle switch, typically manufactured by companies like **Mountain Switch** or **Mouser/MEC**. It is designed for PCB (Printed Circuit Board) mounting and is used for low-power signal switching.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | On-None-On (SPDT - Single Pole Double Throw) |
| **Contact Rating** | 2A @ 250VAC; 5A @ 125VAC or 28VDC |
| **Termination Style** | Right Angle PC Pin (Through-hole) |
| **Actuator Type** | Standard Round Toggle (Batten) |
| **Mounting Type** | PCB Mount, Horizontal (Right Angle) |
| **Operating Temp** | -30°C to +85°C |
---
### 2. Internal Electronic Structure
The "11" in the part number signifies the circuit configuration.
* **SPDT (Single Pole Double Throw):** This switch has one common terminal and two output terminals. It routes the input signal to one of two different paths.
* **On-None-On:** This is a two-position switch. There is no "center-off" position. The circuit is always closed in one of the two directions.
* **Contact Resistance:** Typically rated at **10 mΩ max** initially, ensuring minimal voltage drop across the switch.
* **Insulation Resistance:** Usually **1,000 MΩ min**, preventing leakage current between terminals.
* **Dielectric Strength:** Capable of withstanding **1,000 Vrms** at sea level.
---
### 3. Physical Construction & Materials
| Component | Material |
| :--- | :--- |
| **Case** | Diallyl Phthalate (DAP), UL94V-0 |
| **Actuator** | Brass, Chrome Plated |
| **Bushing** | Brass, Nickel Plated |
| **Housing** | Stainless Steel |
| **Terminals/Contacts** | Silver Plated Copper Alloy (or Gold over Silver) |
---
### 4. Common Applications
Due to its right-angle PCB mount design and SPDT configuration, the M2AMS2-11-R is commonly found in:
1. **Telecommunications:** Routing signals between two different circuits.
2. **Instrumentation:** Switching between different measurement modes (e.g., Volts vs. Amps).
3. **Medical Equipment:** Power or mode selection on handheld diagnostic tools.
4. **Audio Gear:** Phase reversal or input selection switches.
---
- ⤷
What is the difference between silver and gold contact plating for this switch model?
- ⤷ Can this switch be used for DC motor control
- ⤷ or is it strictly for signals?
- ⤷ How does the 'Right Angle' mounting affect the PCB layout design?