Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-151-R2/CE

  • AI
    The **M2AMS2-151-R2/CE** is a high-performance **Industrial Servo Drive** (often referred to as an AC Servo Amplifier) manufactured by **Mechatro**. It is specifically designed for high-precision motion control in automated machinery. Below is a breakdown of its electronic components, specifications, and functions. --- ### 1. Technical Specifications The core electronic profile of this unit focuses on power conversion and feedback processing. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 3-Phase AC 200V - 230V (50/60Hz) | | **Output Power** | 1.5 kW (1500 Watts) | | **Control Method** | IGBT PWM Control (Sinusoidal Current Drive) | | **Feedback Type** | Absolute/Incremental Encoder Support | | **Communication** | Pulse Train / Analog Voltage / RS-485 | | **Protection Rating** | IP20 (Industrial Enclosure) | --- ### 2. Key Electronic Sections #### A. Power Stage (Inverter Section) * **IGBT Modules:** The drive utilizes Insulated Gate Bipolar Transistors (IGBTs) to switch high-voltage DC into a variable-frequency AC output to drive the servo motor. * **Rectifier Bridge:** Converts the incoming 3-phase AC power into a stable DC bus voltage. * **Large Capacitors:** Used for DC bus filtering and energy storage to handle sudden regenerative braking loads. #### B. Control & Processing Unit * **DSP/FPGA:** At the heart of the "R2" revision is a high-speed Digital Signal Processor. It calculates the PID (Proportional-Integral-Derivative) loops for position, speed, and torque in microseconds. * **Isolation Circuits:** Optocouplers are used to isolate the high-voltage power side from the low-voltage logic/input signals to prevent electrical noise interference. #### C. Interfaces and I/O * **CN1 (Control Signal Connector):** Handles I/O signals like "Servo On," "Alarm Reset," and Pulse/Direction inputs. * **CN2 (Encoder Interface):** High-speed serial interface to read the position data from the motor's encoder. * **Regenerative Resistor Terminals:** Allows for the connection of an external resistor to dissipate heat generated during motor deceleration. --- ### 3. Features & Certifications * **CE Marking:** The "/CE" suffix indicates that the electronic components comply with European safety, health, and environmental protection requirements (specifically EMC and Low Voltage directives). * **Dynamic Braking:** Built-in electronic braking circuit to stop the motor rapidly in emergency situations. * **Diagnostic Display:** Typically features a 5-digit LED or LCD display to show status codes and error parameters (e.g., Overcurrent, Overvoltage, Encoder Error). --- ### 4. Typical Application Circuit ```mermaid graph LR A[AC Power 200V] --> B[Rectifier/Filter] B --> C[IGBT Inverter] C --> D[Servo Motor] D --> E[Encoder Feedback] E --> F[DSP Controller] F --> C G[PLC/Controller] --> F ```
    ✨ Follow-up Questions
    • ⤷ What are the common error codes for the M2AMS2 series?
    • ⤷ How do I wire the regenerative resistor to this specific model?
    • ⤷ Which Mechatro servo motors are compatible with the 1.5kW R2 drive?