Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-16B-R/N

  • AI
    The **M2AMS2-16B-R/N** is a specialized high-performance electromechanical component, typically identified as a **Miniature Rotary Switch** or an **Absolute Rotary Encoder**, often used in industrial control systems or aerospace applications. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications These parameters define the operational limits and physical configuration of the part. | Feature | Specification | | :--- | :--- | | **Output Type** | 16-Position Binary Coded (Hexadecimal/Binary) | | **Circuit Type** | BCD (Binary Coded Decimal) or Gray Code (Variant dependent) | | **Operating Voltage** | Typically 5V to 24V DC | | **Contact Resistance** | < 100 mΩ (Initial) | | **Insulation Resistance** | > 1000 MΩ at 500V DC | | **Life Cycle** | 10,000 to 50,000 Detent Cycles | | **Mounting Style** | Through-hole (PCB) or Panel Mount | --- ## 2. Key Electronic Components & Functions ### A. The Coding Disk The "16B" in the part number signifies a **16-position** configuration. Inside the housing, a metallic or conductive disk is etched with a pattern. As the shaft rotates, brushes make contact with specific traces to output a 4-bit digital signal (representing values 0 through F in Hexadecimal). ### B. Gold-Plated Contacts To ensure reliability in low-current electronic circuits, the internal switching contacts are usually gold-plated. This prevents oxidation, which is critical for "dry circuit" applications where the current is too low to "wipe" away corrosion. ### C. Detent Mechanism The "R/N" suffix often refers to the **Real/Complement** logic or the **Detent Torque**. * **Detent:** A spring-loaded ball or clip that provides tactile feedback, ensuring the switch stays in a precise electrical position. * **Logic:** It provides a 4-pin output plus a common pin. --- ## 3. Pin Configuration (Typical 4-Bit) Most 16-position rotary encoders/switches follow a standard binary weighting system: | Pin Number | Signal Function | Weight | | :--- | :--- | :--- | | **C** | Common | Ground or VCC | | **1** | Bit 0 | $2^0 = 1$ | | **2** | Bit 1 | $2^1 = 2$ | | **4** | Bit 2 | $2^2 = 4$ | | **8** | Bit 3 | $2^3 = 8$ | --- ## 4. Typical Applications * **Address Setting:** Used on industrial BUS systems (like RS-485 or CAN) to set the unique ID of a device on a network. * **Mode Selection:** Choosing between 16 different pre-programmed software routines in an embedded system. * **Avionics:** Cockpit instrumentation where high-reliability tactile input is required. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'Real' and 'Complement' output logic for this switch?
    • ⤷ What are the recommended soldering temperatures for PCB mounting this component?
    • ⤷ How do I interface the 4-bit output with an Arduino or microcontroller?