Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-2B-R/Q

  • AI
    The **M2AMS2-2B-R/Q** is a specialized precision potentiometer and joystick assembly, typically manufactured by companies like **CH Products** or **APEM**. It is designed for human-machine interface (HMI) applications where high-resolution analog control is required. --- ## 1. Component Overview This part belongs to the **M Series** of miniature joysticks. It is characterized by its compact size and use of high-quality resistive elements to translate physical movement into electrical signals. ### Key Specifications | Feature | Description | | :--- | :--- | | **Axis Control** | 2-Axis (X and Y movement) | | **Sensor Type** | Potentiometer (Resistive) | | **Standard Resistance** | 5K $\Omega$ (typical for "2" designation) | | **Return Mechanism** | Spring Centering | | **Handle Style** | Flatted or "Tapered" (depending on specific R/Q sub-variants) | | **Mounting** | Drop-in or Rear Mount | --- ## 2. Electronic Characteristics The device functions as a dual-axis voltage divider. ### Electrical Interface The core of the unit consists of two independent potentiometers. As the stick moves: * **Neutral Position:** Output is approximately 50% of the input voltage ($V_{cc}$). * **Full Deflection:** Output swings toward 0V or $V_{cc}$ depending on direction. ### Technical Parameters * **Power Rating:** Usually 0.25W to 0.5W. * **Linearity:** Standard $\pm 5\%$, though precision models offer better tolerances. * **Track Material:** Conductive Plastic (provides long life and low noise compared to carbon). * **Mechanical Life:** Typically rated for 1 million+ cycles. --- ## 3. Part Number Breakdown (Nomenclature) The suffix **-2B-R/Q** defines the specific electronic and mechanical configuration: 1. **M2**: Series designation (Miniature/M-Series). 2. **A**: Standard Mounting style. 3. **MS**: Microswitch or specific spring tension configuration. 4. **2**: Resistance value (Commonly 5,000 ohms). 5. **B**: Specific taper or electrical angle. 6. **R/Q**: These are often internal manufacturing codes or specific packaging/lead-free/RoHS compliance indicators. --- ## 4. Typical Applications Due to its reliability and compact footprint, this component is found in: * **Medical Imaging:** Controlling C-arms or ultrasound probes. * **Industrial Remotes:** Overhead crane or robot arm controllers. * **Security:** Pan-Tilt-Zoom (PTZ) camera consoles. * **Unmanned Vehicles:** Ground stations for drones or ROVs. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AMS2-2B-R/Q?
    • ⤷ How does the 'Spring Centering' mechanism affect the electrical output signal?
    • ⤷ Can this joystick be interfaced directly with an Arduino or PLC?