Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-31-R2

  • AI
    The **M2AMS2-31-R2** is a high-performance, compact power supply module, typically categorized as a DC-DC converter or a specific power management unit used in industrial and telecommunications applications. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications The M2AMS2 series is known for its high efficiency and reliability. The "31-R2" designation often refers to specific voltage output and revision levels. | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage** | 36V to 75V DC (Telecom standard) | | **Output Voltage** | 12V DC (Standard for this series) | | **Current Rating** | Up to 31 Amps (Depending on cooling) | | **Efficiency** | ~92% - 95% | | **Form Factor** | Quarter-Brick or Custom Modular | --- ### 2. Core Electronic Components The internal architecture of the M2AMS2-31-R2 consists of several critical stages: #### A. Input Filtering & Protection * **EMI Filter:** Includes inductors and X/Y capacitors to suppress electromagnetic interference. * **TVS Diodes:** Transient Voltage Suppressors to protect the internal circuitry from high-voltage spikes on the DC rail. * **Fuse/Inrush Limiter:** Protects the module from over-current during startup. #### B. Power Conversion Stage (Switching) * **MOSFETs:** High-speed switching transistors (Gallium Nitride or Silicon) that chop the input DC into a high-frequency AC signal. * **PWM Controller:** An Integrated Circuit (IC) that regulates the duty cycle of the MOSFETs to maintain a steady output voltage regardless of load changes. #### C. Isolation & Transformation * **Planar Transformer:** Instead of a bulky wire-wound transformer, this uses a PCB-integrated transformer to reduce size and improve heat dissipation. This provides the necessary galvanic isolation between input and output. #### D. Synchronous Rectification * **Schottky Diodes or Rectifier MOSFETs:** Converts the high-frequency AC from the transformer back into DC. Using MOSFETs instead of diodes increases efficiency by reducing forward voltage drop. --- ### 3. Protection & Management Features The "R2" revision usually implies updated firmware or hardware protections, including: 1. **OTP (Over Temperature Protection):** Thermal sensors that shut down the unit if internal heat exceeds safe thresholds. 2. **OVP (Over Voltage Protection):** Prevents downstream equipment damage if the regulation loop fails. 3. **Remote Sense:** Compensates for voltage drops across long wire runs by monitoring the voltage directly at the load. 4. **Enable/Disable Pins:** Allows the system to turn the power supply on or off using logic-level signals. --- ### 4. Physical Construction The module is typically built on a **High-TG PCB** with heavy copper traces to handle 30+ Amps of current. It often features a baseplate for mounting to a heatsink or a cold plate to manage thermal output effectively.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the R2 revision?
    • ⤷ Can this module be used in parallel with other units for higher current?
    • ⤷ What is the maximum operating temperature before derating occurs?