Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-3B-R2/N

  • AI
    The **M2AMS2-3B-R2/N** is a specific variant of a standard M.2 to PCIe adapter/riser card, typically used in industrial computing, cryptocurrency mining, or testing environments. It allows the connection of high-performance peripherals to an M.2 (Key M) slot. --- ### 1. Technical Specifications Below are the primary electronic components and technical parameters for this module: | Component | Specification | | :--- | :--- | | **Interface Type** | M.2 Key M (NGFF) to PCIe x4 / USB 3.0 (Signal Interface) | | **Power Input** | 4-Pin Floppy or SATA Power Connector (External) | | **Data Throughput** | PCIe Gen 2.0 / 3.0 (Interface dependent) | | **PCB Dimensions** | Standard 2260 or 2280 form factor | | **Compatibility** | M.2 slots (Socket 3) found on modern motherboards | --- ### 2. Key Electronic Parts and Functions The board consists of several critical stages to ensure data integrity and power safety: #### A. The Signal Bridge (Differential Pairs) Since M.2 (Key M) natively carries PCIe signals, this part does not use a protocol conversion chip. Instead, it utilizes high-speed differential signal traces to "re-route" the PCIe lanes from the M.2 pins to either a physical PCIe slot or a USB 3.0 connector (used as a cable medium, not as a USB protocol). #### B. Voltage Regulation & Capacitance To ensure stable power delivery to the connected device: * **Solid Capacitors:** Usually 1-2 electrolytic or solid polymer capacitors are present to filter ripple voltage from the 12V/5V input. * **Power Induction:** Some versions include small inductors to prevent electromagnetic interference (EMI) from the switching power supply. #### C. Power Connectivity Because M.2 slots are limited in the current they can provide (usually 3.3V), the **M2AMS2-3B-R2/N** includes an external power header: * **4-Pin/SATA Power:** This provides the necessary 12V and 5V rails required by standard PCIe devices that the M.2 slot cannot provide. --- ### 3. Pinout & Signal Mapping The electronic mapping follows the standard M.2 Key M architecture: | Pin Set | Function | Description | | :--- | :--- | :--- | | **Pins 1-11** | Power/GND | 3.3V Power supply for the logic board | | **Pins 41-43** | PETn0/PETp0 | PCIe Transmit Pair 0 | | **Pins 47-49** | PERn0/PERp0 | PCIe Receive Pair 0 | | **Pins 70-74** | 3.3V | Main power rail for the M.2 interface | --- ### 4. Implementation Example If you were writing a driver or monitoring utility for a device connected via this adapter, the system would see it as a standard device on the PCIe root complex: ```bash # To check if the device connected to the M.2 adapter is recognized in Linux: lspci -vv | grep -i "PCI Express" ``` ---
    ✨ Follow-up Questions
    • ⤷ Does this adapter support PCIe Gen 4.0 speeds?
    • ⤷ Is external power mandatory for low-power SSDs used with this card?
    • ⤷ What is the difference between Key M and Key B in these electronic adapters?