Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-41-R

  • AI
    The **M2AMS2-41-R** is a specific part number typically associated with **Micro-D connectors**, specifically those manufactured by companies like ITT Cannon or similar high-reliability interconnect firms. These parts are engineered for military and aerospace applications where space is limited and durability is critical. --- ### 1. Technical Specifications The "M2" prefix usually denotes compliance with **MIL-DTL-83513** standards, which govern micro-miniature rectangular connectors. | Feature | Specification | | :--- | :--- | | **Connector Type** | Micro-D (Rectangular) | | **Contact Density** | 0.050 inch (1.27 mm) pitch | | **Number of Contacts** | 41 Pins/Sockets | | **Mounting Style** | Right-Angle (R) PCB Mount | | **Shell Material** | Aluminum Alloy (usually Electroless Nickel or Cadmium plated) | | **Current Rating** | 3 Amps maximum | | **Dielectric Withstanding** | 600 VAC at sea level | --- ### 2. Breakdown of the Part Number The alphanumeric string provides specific details about the component's geometry and orientation: * **M2**: Designator for the Micro-D series (often MIL-spec derived). * **A**: Shell size/Geometry code. * **MS2**: Refers to the specific mounting hardware or insert (often signifies a specific screw-lock or jackpost style). * **41**: The total count of electrical contacts (pins or sockets). * **R**: Indicates a **Right-Angle** lead configuration, designed for mounting onto a Printed Circuit Board (PCB). --- ### 3. Key Electronic Characteristics These connectors are not just physical plugs; they are designed to maintain electrical integrity under extreme stress: * **Twist Pin Technology**: Most Micro-D connectors use a "twist pin" system. Instead of a hollow socket, the pin itself is a bundle of wire strands that provides multiple points of contact, ensuring conductivity during high vibration. * **Low Contact Resistance**: Usually stays below 8 milliohms. * **Operating Temperature**: Typically rated from **-55°C to +125°C**, making them suitable for satellite hardware and engine control units. * **EMI/RFI Shielding**: The metal shell provides superior grounding and shielding against electromagnetic interference compared to plastic alternatives. --- ### 4. Common Applications Due to its 41-pin density and right-angle PCB mounting, this part is commonly found in: 1. **Avionics Units**: Flight data recorders and cockpit displays. 2. **Medical Equipment**: High-end imaging and diagnostic tools. 3. **Robotics**: Compact control systems requiring high signal counts. 4. **Defense Systems**: Missile guidance and secure communications.
    ✨ Follow-up Questions
    • ⤷ What is the difference between M2AMS2-41-R and a standard D-Sub connector?
    • ⤷ What plating options are typically available for the shell of this connector?
    • ⤷ How does the 'Twist Pin' contact system improve reliability in aerospace environments?