Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-41-R2

  • AI
    The **M2AMS2-41-R2** is a specific part number typically associated with high-performance **M.2 NVMe SSD Expansion Cards** or specific server-grade storage modules. Based on industrial hardware specifications, here is the breakdown of its electronic components and architecture. --- ### 1. General Specifications This device acts as a bridge between the PCIe bus and M.2 storage devices. It is designed to handle high data throughput with low latency. | Feature | Specification | | :--- | :--- | | **Interface** | PCIe 4.0 x16 (Downstream to x4 per drive) | | **Form Factor** | Low-profile / Full-height Plug-in Card | | **Slot Support** | M.2 M-Key (NVMe) | | **Number of Slots** | 4 Slots (Typical for this series) | | **Max Bandwidth** | Up to 256 Gbps (PCIe 4.0 x16 total) | --- ### 2. Key Electronic Components The reliability and speed of the M2AMS2-41-R2 depend on several critical onboard electronic parts: #### A. PCIe Switch / Packet Bridge The "brain" of the card. Since a standard motherboard may not support **PCIe Bifurcation** (splitting one x16 slot into four x4 slots), these cards often include a dedicated bridge chip. * **Function:** Manages data traffic between the host CPU and the four individual SSDs. * **Common Brands:** PLX (Broadcom) or ASMedia. #### B. Power Management Integrated Circuits (PMIC) M.2 NVMe drives can draw significant power (up to 7-9 Watts each). * **Voltage Regulators:** Converts 12V from the PCIe slot to 3.3V required by M.2 drives. * **Capacitors:** Often features Solid Polymer Capacitors for ripple filtering and power stability during heavy R/W cycles. #### C. Thermal Management Electronic components generate heat, especially at PCIe 4.0 speeds. * **Thermal Pads:** High-conductivity interface material between the SSDs and the aluminum housing. * **Active Cooling:** Many versions include a PWM-controlled fan to prevent thermal throttling of the SSD controller. --- ### 3. Pinout and Connectivity The card utilizes the standard **M.2 M-Key** pinout for the drives and a standard **PCIe x16** edge connector for the motherboard. ```markdown PCIe x16 Gold Fingers (Input) | [ Bridge Chip ] <--- I2C/SMBus for Management | ----------------------------- | | | | [M.2] [M.2] [M.2] [M.2] (Output) Slot 1 Slot 2 Slot 3 Slot 4 ``` --- ### 4. Implementation Requirements To use this part effectively, the following electronic environment is required: 1. **UEFI Support:** The motherboard BIOS must support NVMe boot if the drives are used as a boot volume. 2. **Bifurcation Settings:** If the card does **not** have a bridge chip, the BIOS must be set to `x4x4x4x4` mode for the PCIe slot. 3. **Power Budget:** Ensure the motherboard's PCIe slot can provide the full 75W specification if four high-power drives are installed.
    ✨ Follow-up Questions
    • ⤷Does the M2AMS2-41-R2 require a motherboard with PCIe bifurcation support?
    • ⤷ What are the specific cooling requirements for PCIe 4.0 NVMe drives?
    • ⤷ Can this card support SATA-based M.2 drives or only NVMe?