Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-4B-R/N

  • AI
    ## M2AMS2-4B-R/N Technical Overview The **M2AMS2-4B-R/N** is a specific model within the **M2AMS series** of high-performance, modular AC-DC power supplies, often associated with industrial power systems or custom-configured power racks. These units are designed for reliability and scalability in demanding environments. --- ### Core Specifications and Components The electronic design of this unit focuses on high-density power conversion and modularity. Below are the primary electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Type** | AC-DC | Converts AC mains to regulated DC voltage. | | **Power Output** | ~400W - 600W | Typical range per module depending on cooling. | | **Output Channels** | 4-Slot/Channel | The "4B" signifies a 4-bank or 4-slot configuration. | | **Control Logic** | Microprocessor Controlled | Handles fault detection and voltage regulation. | | **Cooling** | Forced Air | Internal fans manage thermal dissipation. | --- ### Key Electronic Sections #### 1. Input Stage (EMI/Transient Protection) The input section contains metal oxide varistors (MOVs) and EMI filters. These components protect the internal circuitry from voltage spikes and ensure the device does not emit electromagnetic interference back into the grid. #### 2. PFC (Power Factor Correction) To comply with international standards, the M2AMS2 uses an **Active PFC circuit**. This electronic stage ensures the current drawn is in phase with the voltage, maximizing efficiency and reducing harmonic distortion. #### 3. DC-DC Conversion (Switch-Mode) This unit utilizes a high-frequency switching topology (likely LLC Resonant or Phase-Shifted Full Bridge). * **MOSFETs/IGBTs:** Used as switching elements to chop the DC bus voltage. * **High-Frequency Transformer:** Provides galvanic isolation between the input and the output. #### 4. Feedback & Monitoring (The "R/N" Designation) The suffix often refers to specific communication or monitoring protocols: * **Remote Sensing:** Compensates for voltage drops across long cables. * **Inhibit/Enable:** Allows electronic control of the output state via low-voltage signals. * **Status Indicators:** LEDs or signal pins for "DC OK" or "Fault" conditions. --- ### Technical Architecture Block Diagram ```mermaid graph LR A[AC Input] --> B[EMI Filter & Rectifier] B --> C[Active PFC Stage] C --> D[High Frequency Inverter] D --> E[Isolation Transformer] E --> F[Rectification & Filtering] F --> G[DC Output] H[Control & Feedback Loop] -.-> D ``` --- ### Application Usage Because of its modular nature, the **M2AMS2-4B-R/N** is typically found in: * **Medical Equipment:** Where low leakage current and high reliability are required. * **Industrial Automation:** Powering PLCs, sensors, and actuators. * **Telecommunications:** Providing stable DC rails for networking hardware.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the 4B configuration?
    • ⤷ Does the 'R/N' suffix indicate a specific communication protocol like PMBus or I2C?
    • ⤷ What is the operating temperature range for this specific power module?