Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-4B-R2/N

  • AI
    The **M2AMS2-4B-R2/N** belongs to a specialized category of **M.2 Carrier/Adapter Boards**, typically designed for high-performance computing, storage expansion, or industrial server applications. These parts are used to bridge high-speed NVMe storage to standard PCIe architectures. --- ### 1. Key Technical Specifications Based on the part numbering convention (common in industrial hardware like Advantech or similar manufacturers), the electronic architecture generally consists of the following: | Component | Description | | :--- | :--- | | **Interface Type** | M.2 (NGFF) to PCIe x4 or x8 (depending on the backplane). | | **Slot Configuration** | Supports M-Key NVMe SSDs (typically 2242/2260/2280 sizes). | | **Revision (R2)** | Indicates the second hardware revision, usually involving optimized signal integrity. | | **N-Suffix** | Often denotes "No Heatsink" or a specific thermal configuration variant. | --- ### 2. Main Electronic Components The board is not merely a physical adapter; it contains active and passive circuitry to manage high-speed data: #### A. Power Management Integrated Circuits (PMICs) * **Voltage Regulation:** Converts the 12V or 5V rail from the PCIe bus down to the **3.3V** required by M.2 SSDs. * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCCs) are placed near the M.2 connector to filter high-frequency noise and ensure stable power delivery during peak "Burst" read/write operations. #### B. Signal Integrity Components * **Differential Pair Routing:** The PCB uses controlled impedance traces to handle **PCIe Gen 3 or Gen 4** speeds. * **Re-drivers (Optional):** Some high-end versions include signal re-drivers to maintain data integrity over longer trace lengths. #### C. Connectivity & Feedback * **M.2 Connector:** A high-density 75-position connector designed for low contact resistance. * **Status LEDs:** Small Surface Mount (SMD) LEDs that indicate "Power Good" and "Drive Activity" (ACT). --- ### 3. Functional Diagram Logic The electronic flow follows this simplified path: 1. **Input:** PCIe Goldfinger (Mechanical interface to Motherboard). 2. **Transformation:** Voltage Step-down (12V $\rightarrow$ 3.3V) + Signal Filtering. 3. **Output:** M.2 M-Key Socket (Data communication via 4 lanes of PCIe). --- ### 4. Application Context These parts are typically found in: * **Industrial PCs (IPC):** Where vibration resistance and specific form factors are required. * **Server Expansion:** Adding NVMe boot drives to legacy servers. * **Data Acquisition:** High-speed buffering for sensor data.
    ✨ Follow-up Questions
    • ⤷ Does this specific model support PCIe Gen 4 speeds or is it limited to Gen 3?
    • ⤷ What are the specific physical dimensions (2280 vs 22110) supported by this carrier?
    • ⤷ Are there specific drivers required for the PMIC on this board?