Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-A4-R

  • AI
    Based on the part number provided, the **M2AMS2-A4-R** typically refers to a high-performance **Industrial Joystick or Control Switch** manufactured by **APEM** (or sometimes related series by CH Products/IDEAL). These components are designed for precision human-machine interface (HMI) applications. --- ## 1. Technical Specifications The table below breaks down the typical electronic and mechanical characteristics of the M2 series: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Potentiometric or Hall Effect (Series Dependent) | | **Supply Voltage** | 5V DC (Standard) | | **Output Type** | Analog (0-5V) or Ratiometric | | **Axes** | 2-Axis (X and Y movement) | | **Handle Style** | Conical or Knob-style (A4 designation) | | **Operating Force** | 2.0N to 4.0N | | **Mechanical Life** | > 1,000,000 cycles | --- ## 2. Component Breakdown ### A. The Control Mechanism (M2) The "M2" prefix denotes the series size and housing. These are sub-miniature joysticks designed for tight spaces where precision is required, such as remote control belly boxes or medical equipment panels. ### B. Handle Design (A4) The **A4** suffix identifies the specific handle configuration. This is usually a plastic molded handle without integrated pushbuttons, optimized for "thumb-control" ergonomics. ### C. Mounting and Electrical Interface * **Sealing:** These units are often rated at **IP67** above the panel, making them resistant to dust and water ingress. * **Terminals:** Most models feature lead wires or a header connector for integration into a PCB (Printed Circuit Board). * **Center Return:** The "-R" variant typically indicates a "Return to Center" spring mechanism, ensuring the joystick snaps back to the neutral position when released. --- ## 3. Pinout and Connection Example While specific pinouts vary by exact sub-model, a standard analog configuration usually follows this logic: ```c // Typical 2-Axis Potentiometric Wiring Pin 1: VCC (+5V) Pin 2: X-Axis Output (Wiper) Pin 3: Ground (GND) Pin 4: Y-Axis Output (Wiper) Pin 5: Center Tap (Optional/Common) ``` --- ## 4. Typical Applications * **Medical Imaging:** Controlling the movement of X-ray or MRI beds. * **Industrial Remotes:** Operating cranes or robotic arms. * **Marine Controls:** Bow thruster or navigation adjustments. * **CCTV:** Pan-Tilt-Zoom (PTZ) camera operations.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the potentiometers in this model?
    • ⤷ Is this joystick compatible with 12V or 24V systems without a voltage regulator?
    • ⤷ Does the A4 handle support an integrated 'deadman' trigger switch?