Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-D1-R/N

  • AI
    The **M2AMS2-D1-R/N** is a specific part number typically associated with high-precision **Magnetic Encoders** or **Rotary Sensor Modules**. These devices are used to detect the angular position or speed of a rotating shaft using magnetic field sensing technology. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Feature | Specification | | :--- | :--- | | **Technology** | Magnetic Hall-Effect / AMR (Anisotropic Magnetoresistive) | | **Input Voltage** | 5V DC (Typical) | | **Output Type** | Digital (Incremental or Absolute) | | **Resolution** | High Precision (Often 10-bit to 14-bit) | | **Interface** | TTL / CMOS Compatible | | **Mounting** | PCB Mount / Integrated Module | --- ### 2. Breakdown of the Part Number While manufacturers vary, the suffix nomenclature for this specific series generally follows this logic: * **M2A:** Series designation (High-resolution Magnetic Sensor). * **MS2:** Mechanical style or magnet size compatibility. * **D1:** Specific electrical configuration (likely referring to the supply voltage or output driver type). * **R/N:** * **R:** Often indicates **Radial** orientation or a specific "Read" direction. * **N:** Can denote the "Index" pulse type or a specific temperature grade/tolerance. --- ### 3. Electronic Functionality The M2AMS2-D1-R/N functions through three primary electronic stages: 1. **Sensing Element:** A bridge of magnetoresistive elements detects the change in the magnetic flux direction as a permanent magnet rotates above the chip. 2. **Signal Conditioning:** Internal Op-Amps and Interpolators convert the weak analog sine/cosine waves into strong digital signals. 3. **Output Driver:** The "D1" circuitry ensures the signal is clean and can be transmitted over a short distance to a microcontroller (MCU) or PLC without significant noise interference. --- ### 4. Common Applications * **BLDC Motors:** Feedback for electronic commutation. * **Robotics:** Joint position monitoring. * **Medical Equipment:** Precise fluid pump control or scanning arm positioning. * **Consumer Electronics:** High-end volume knobs or digital dials. --- ### 5. Implementation Code Example (Generic) If you are interfacing this sensor with an Arduino or MCU to read incremental pulses: ```cpp // Example: Reading Incremental A/B signals from a Magnetic Encoder const int pinA = 2; // Channel A const int pinB = 3; // Channel B volatile long pulseCount = 0; void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); attachInterrupt(digitalPinToInterrupt(pinA), updateEncoder, RISING); Serial.begin(9600); } void updateEncoder() { if (digitalRead(pinB) == LOW) { pulseCount++; } else { pulseCount--; } } void loop() { Serial.println(pulseCount); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the D1-R/N model?
    • ⤷ What type of magnet is required for optimal sensing with this part?
    • ⤷ How does this sensor handle magnetic interference from external sources?