Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-D2-R2/CE

  • AI
    The **M2AMS2-D2-R2/CE** is a specific model of a **Plug-in Signal Conditioner** (specifically an Isolator or Signal Transmitter) manufactured by **M-System**. It is designed to convert and isolate DC input signals into various DC output signals for industrial automation and control systems. --- ### 1. Part Number Breakdown Understanding the electronic specifications can be done by deconstructing the model code: | Code Segment | Parameter | Description | |:---|:---|:---| | **M2** | Series | M2 Series Plug-in Signal Conditioner | | **AMS2** | Model Type | **Isolator** (Ultra-high speed response type) | | **D** | Input | **4 – 20 mA DC** (Input resistance 250 Ω) | | **2** | Output | **1 – 5 V DC** (Load resistance 2500 Ω minimum) | | **R** | Power Supply | **24 V DC** (Operational range 24 V ±10%) | | **2** | Response Time | **0.5 ms** (High-speed option) | | **CE** | Standards | **CE Marking** compliant | --- ### 2. Key Electronic Components & Features #### A. Galvanic Isolation This part provides 3-way isolation between: 1. **Input** (Sensor/Transmitter) 2. **Output** (PLC/DCS/Controller) 3. **Power** (24V DC Supply) * **Insulation Resistance:** 100 MΩ or more with 500 V DC. * **Dielectric Strength:** 2000 V AC @ 1 minute (Input to output to power to ground). #### B. Signal Conversion Circuitry * **Input Stage:** Receives the 4-20mA current loop. It uses a high-precision shunt resistor (250 Ω) to convert current to a voltage signal. * **Processing:** Uses high-speed analog circuitry to ensure a fast response time (approx. 0.5 ms for a 0-90% step change). * **Output Stage:** Provides a stable 1-5V DC voltage. It includes short-circuit protection and surge suppressors. #### C. Physical Interface * **Construction:** Plug-in style base. The electronic "brains" are in the module, which plugs into a permanent base socket (M2N-01 or similar). * **Adjustments:** Front-facing **Zero** and **Span** adjustments (multi-turn potentiometers) for field calibration. * **LED Indicator:** Typically includes a power indicator LED to show the status of the 24V DC supply. --- ### 3. Technical Specifications Summary | Feature | Specification | |:---|:---| | **Accuracy** | ±0.1% of span | | **Temp. Coefficient** | ±0.015% / °C | | **Response Time** | ≤ 0.5 ms (0 – 90%) | | **Ripple** | 0.5% p-p max | | **Power Consumption** | Approx. 3 W | | **Operating Temp** | -5 to +55 °C | --- ### 4. Typical Application This electronic part is used when you need to interface a **4-20mA sensor** with a **1-5V PLC input** while preventing ground loops or protecting sensitive equipment from high-voltage transients. Its high-speed (0.5ms) response makes it suitable for testing benches or high-speed machinery monitoring where standard 100ms isolators are too slow.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the 4-20mA input loop?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ Can this unit be mounted on a standard DIN rail?