Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS2-D2-R2/Q

  • AI
    The **M2AMS2-D2-R2/Q** is a specific industrial-grade signal conditioner/transmitter, likely manufactured by **M-System**. This device is typically used in process control systems to interface between sensors and control equipment (like PLCs or DCS). Below is a breakdown of its electronic characteristics and specifications based on the model nomenclature. --- ### 1. Technical Specifications The model code defines the input, output, and power requirements of the unit. | Component | Specification | Description | | :--- | :--- | :--- | | **Model Series** | **M2AMS** | Ultra-slim Signal Conditioner (Amplifier) | | **Input (2)** | 4 – 20 mA DC | Standard industrial current loop input | | **Output (D2)** | 0 – 10 V DC | High-impedance voltage output | | **Power Supply (R2)** | 11 – 27 V DC | Low voltage DC power requirement | | **Option (Q)** | Special Options | Often indicates custom factory settings or conformal coating | --- ### 2. Electronic Architecture The internal circuitry of this device is designed for precision and isolation. It generally consists of four main stages: 1. **Input Conditioning:** Uses a precision shunt resistor to convert the 4-20mA current into a proportional voltage. It often includes surge protection to prevent damage from line spikes. 2. **Isolation (Optical or Transformer):** This is a critical electronic feature. It provides **Galvanic Isolation** (typically up to 2000V AC) between the input, output, and power supply. This eliminates ground loops and protects sensitive PLC inputs. 3. **Signal Conversion:** An internal operational amplifier (Op-Amp) circuit scales and offsets the input signal to the 0-10V range. 4. **Output Driver:** A low-impedance output stage ensures the 0-10V signal remains stable even if the receiving device is located at a distance. --- ### 3. Key Electronic Features * **Zero/Span Adjustment:** Located on the front panel, these potentiometers allow for fine-tuning the electronic calibration of the output signal. * **Response Time:** Usually $\leq 0.5$ seconds, meaning the electronic output tracks the input changes rapidly. * **Temperature Compensation:** The internal components are selected for low thermal drift to ensure accuracy across industrial temperature ranges (typically $-5^\circ C$ to $+55^\circ C$). * **Status Indicator:** Usually includes a green LED to signify that the internal power rail is active. --- ### 4. Connection Diagram (Standard Pinout) Electronic connections are typically made via M3 screw terminals: | Terminal No. | Function | | :--- | :--- | | **1 & 2** | Input (+ / -) | | **3 & 4** | Output (+ / -) | | **5 & 6** | Power Supply (+ / -) | ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the zero and span for this specific model?
    • ⤷ What is the maximum load resistance for the 0-10V output?
    • ⤷ Does this model support 3-way isolation?