Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-01-R2/CE

  • AI
    The **M2AP-01-R2/CE** is a high-precision digital pressure sensor module, typically manufactured by companies like Nidec Components (formerly Copal Electronics). It is designed for industrial and medical applications where accurate air pressure monitoring is critical. ### 1. Technical Specifications The following table summarizes the core electronic and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Pressure Type** | Gauge Pressure | | **Pressure Range** | 0 to 9.81 kPa (0 to 1000 mmH2O) | | **Supply Voltage** | 5.0 VDC ± 5% | | **Output Type** | Analog Voltage (typically 1V to 5V) | | **Current Consumption** | Approx. 10 mA or less | | **Accuracy** | ± 1.0% F.S. | | **Operating Temp** | 0°C to 50°C | --- ### 2. Core Electronic Components The internal architecture of the M2AP-01-R2/CE consists of several key stages: #### A. Piezoresistive Sensing Element The "heart" of the module is a silicon micromachined (MEMS) diaphragm. * **Function:** When air pressure is applied, the diaphragm deflects. * **Result:** This change in shape alters the resistance of the embedded strain gauges (Wheatstone bridge circuit), converting mechanical stress into an electrical signal. #### B. Signal Conditioning Circuit (ASIC) Since the raw output from a MEMS bridge is very small (millivolts), the module includes an internal **Application Specific Integrated Circuit (ASIC)** to: 1. **Amplify:** Boost the signal to a usable 1-5V range. 2. **Linearize:** Correct any non-linear behavior of the silicon sensor. 3. **Compensate:** Adjust the output for temperature fluctuations to ensure stability. #### C. Connector Interface The unit typically uses a standard 3-pin or 4-pin interface for easy integration into PCBs: * **Vcc:** Power input (+5V). * **GND:** Common ground. * **Vout:** Analog signal representing the measured pressure. --- ### 3. Application Examples Because this sensor is designed for low-pressure ranges (under 10kPa), it is commonly found in: * **Medical Equipment:** Oxygen concentrators or respiratory monitors. * **HVAC Systems:** Monitoring filter clogging or cleanroom pressure. * **Industrial Automation:** Leak testing and air-flow measurement. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R2 and other variants in the M2AP series?
    • ⤷ Can this sensor be used with corrosive gases?
    • ⤷ How do I calibrate the analog output for an Arduino or PLC?