Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-04-R2SLASHCE

  • AI
    The **M2AP-04-R2/CE** is a specialized electronic component, typically categorized as a **Digital-to-Analog Converter (DAC) Module** or a specific high-speed analog output expansion card used in industrial automation and computing systems. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. General Specifications This module is designed to bridge the gap between digital processing units (like a CPU or FPGA) and analog actuators or sensors. | Parameter | Specification | | :--- | :--- | | **Interface Type** | M-Module / Mezzanine Standard | | **Output Channels** | 4 Isolated Channels | | **Resolution** | 12-bit to 16-bit (Model dependent) | | **Output Range** | Configurable (e.g., ±10V, 0-10V, 4-20mA) | | **Isolation** | Optical/Galvanic Isolation | --- ### 2. Key Electronic Sections #### A. Digital Interface Logic The "brain" of the module, usually consisting of an **FPGA** or a **CPLD**. - **Function:** Decodes signals from the system bus (like VME, CPCI, or PCIe carriers). - **Registers:** Stores the digital values before they are sent to the DAC chips. #### B. Digital-to-Analog Converters (DACs) The core component responsible for the precision of the output. - **Precision:** Uses high-grade R-2R ladder or Sigma-Delta DAC architectures. - **Settling Time:** Designed for low latency to ensure rapid response in control loops. #### C. Isolation Barrier To protect the host system from industrial noise or high-voltage surges. - **Optocouplers:** Transfer digital signals across an air gap or light barrier. - **DC/DC Converters:** Provide isolated power to the "field side" of the electronics so that the analog ground is separate from the digital ground. #### D. Analog Output Stage (Signal Conditioning) - **Operational Amplifiers (Op-Amps):** Used for buffering and scaling the voltage. - **Calibration Circuitry:** Includes precision resistors and potentially EEPROM for storing factory calibration constants to ensure accuracy over temperature changes. --- ### 3. Usage Context The `/CE` suffix usually indicates compliance with **European Conformity (CE)** standards, meaning the electronic design includes specific filters (EMI/EMC) to reduce electromagnetic interference. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2AP-04-R2/CE?
    • ⤷ Is this module compatible with VME or CompactPCI carrier cards?
    • ⤷ How do I calibrate the output channels on this specific model?