Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-31-R/Q

  • AI
    The **M2AP-31-R/Q** is a high-performance, modular signal converter (specifically a DC input isolator) manufactured by **M-System**. It is designed to take a DC voltage or current input and provide an isolated DC output, commonly used in industrial automation and process control. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Model Series** | M2 (Mini-M) Series | | **Input Type** | DC Current or Voltage (Configurable) | | **Output Type** | DC Current or Voltage (Configurable) | | **Power Input** | 24V DC (typical for the "R" suffix) | | **Isolation** | 3-way isolation (input to output to power) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | DIN rail mounting | --- ### 2. Breakdown of the Model Name The alphanumeric code provides specific details about the electronic configuration: * **M2AP**: Base series identifier (Plug-in signal conditioner). * **31**: Typically denotes specific I/O combinations (e.g., 4-20mA or 1-5V DC). * **R**: Indicates the **Power Input** (Standardly 24V DC). * **Q**: Usually indicates an **Option Code** (e.g., specific coatings for moisture/dust or high-speed response requirements). --- ### 3. Electronic Architecture The internal circuitry consists of four primary stages: 1. **Input Conditioning Stage**: This stage uses precision resistors and operational amplifiers to scale the incoming signal (e.g., 4-20mA) into a internal voltage range. 2. **Isolation Barrier**: This is the core "electronic part." It uses **photocouplers** or **magnetic transformers** to physically separate the input from the output. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. 3. **Signal Processing**: Converts the isolated signal back into a linear representation. In digital versions, this includes an A/D and D/A converter. 4. **Output Driver**: A power stage that supplies the final current/voltage to the load. --- ### 4. Circuit Diagram Representation (Simplified) ```mermaid graph LR A[Input Signal] --> B[Input Circuit] B --> C{Isolation Barrier} C --> D[Output Circuit] D --> E[Isolated Output] F[24V DC Power] --> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input/output signal ranges for the '31' configuration?
    • ⤷ Does the 'Q' option stand for conformal coating or a different specific modification?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this model?