Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-41-R/CE

  • AI
    The **M2AP-41-R/CE** is a high-performance **Process Signal Transmitter** (also known as a signal conditioner or isolator) manufactured by **M-System**. It is part of the M2 series, designed to convert analog signals from industrial sensors into standardized DC signals for PLCs, DCS systems, or recorders. --- ## 1. Technical Specifications Overview The model code `M2AP-41-R/CE` breaks down into specific electronic configurations: | Component | Code | Description | | :--- | :---: | :--- | | **Model** | **M2AP** | Analog Signal Transmitter (Isolator) | | **Input** | **4** | 4 – 20 mA DC | | **Output** | **1** | 4 – 20 mA DC | | **Power Supply** | **R** | 24V DC | | **Standards** | **CE** | CE Marking (European Safety Standards) | --- ## 2. Key Electronic Features ### A. Galvanic Isolation This device provides **3-way isolation**. This means the electronic circuits for the **Input**, **Output**, and **Power Supply** are completely separated from each other (typically up to 2000V AC). * **Purpose:** Prevents ground loops, protects sensitive equipment from high-voltage surges, and reduces electronic noise interference. ### B. Signal Conditioning Circuitry The internal electronics utilize high-precision operational amplifiers and A/D-D/A converters (or high-linearity analog circuits) to ensure the signal is reproduced accurately. * **Accuracy:** Typically ±0.1% of span. * **Response Time:** Approximately 0.5 seconds (0 to 90%). ### C. Power Management The "R" designation indicates a **24V DC** power requirement. The internal circuitry includes: * Overcurrent protection. * Voltage regulation to ensure stable performance even if the 24V supply fluctuates. --- ## 3. Physical & Installation Specifications * **Housing Material:** Flame-resistant resin (Black). * **Mounting:** DIN Rail mounting (standard 35mm). * **Wiring:** M3.5 screw terminals. * **Indicators:** Power LED (Green) on the front panel to indicate electronic operational status. --- ## 4. Operational Environment | Parameter | Value | | :--- | :--- | | **Operating Temperature** | -5 to +55°C (23 to 131°F) | | **Operating Humidity** | 30 to 90% RH (non-condensing) | | **Insulation Resistance** | ≥ 100 MΩ with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ## 5. Summary of Electronic Function The primary electronic role of the **M2AP-41-R/CE** is to take a current loop signal (4-20mA), which may be carrying electrical noise or be at a different ground potential, and "re-broadcast" it as a clean, isolated 4-20mA signal. This ensures that a fault in the field sensor does not destroy the expensive input card of a PLC.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the M2AP-41-R/CE terminals?
    • ⤷ How do I calibrate the zero and span adjustments on this module?
    • ⤷ Can this unit be used for voltage inputs instead of current?