Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-51-R2

  • AI
    The **M2AP-51-R2** is a specialized electronic component, typically identified as a **high-precision, compact digital pressure sensor** or a pressure-sensitive switch/transducer often utilized in industrial automation and pneumatic systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The device converts physical air pressure into an electrical signal (either analog or digital). | Parameter | Typical Value / Range | | :--- | :--- | | **Pressure Range** | -0.1 to 1.0 MPa (Standard Range) | | **Input Voltage** | 12V to 24V DC | | **Output Type** | PNP or NPN Open Collector (Model dependent) | | **Analog Output** | 1 to 5V DC (Linear) | | **Protection Rating** | IP40 / IP65 (Application dependent) | | **Current Consumption** | ≤ 40 mA | --- ### 2. Core Electronic Components Inside the M2AP-51-R2, several key stages handle the conversion of physical pressure to electrical data: * **Piezoresistive Sensing Element:** This is the "heart" of the device. It uses a silicon diaphragm with integrated resistors. When pressure is applied, the diaphragm deforms, changing the resistance (the Wheatstone bridge principle). * **Signal Conditioning Circuit (ASIC):** The raw millivolt signal from the sensor is too small and noisy. An internal Application-Specific Integrated Circuit (ASIC) amplifies the signal and provides temperature compensation. * **A/D Converter:** For digital models, a high-resolution Analog-to-Digital converter translates the signal for the microprocessor. * **Microcontroller (MCU):** Manages the logic for the digital display, user-defined set points (hysteresis), and response times. --- ### 3. Wiring and Interface The device typically uses a standard 4-wire color-coded system: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | V+ | Positive power supply (12-24V DC) | | **Blue** | 0V / GND | Negative power supply | | **Black** | OUT 1 | Primary Digital Output (Switching) | | **White** | OUT 2 / Analog | Secondary output or 1-5V analog signal | --- ### 4. Key Electronic Features * **Short-Circuit Protection:** Prevents damage to internal circuitry if the output wires are crossed. * **Reverse Polarity Protection:** Protects the sensor if the power supply is connected backward. * **Hysteresis Adjustment:** Allows the user to electronically set the "buffer" zone for the switch to prevent rapid flickering (chattering) of the output. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output types in this sensor?
    • ⤷ How do I calibrate the zero-point on the M2AP-51-R2?
    • ⤷ What are the common industrial applications for this specific pressure range?