Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-61-R/CE

  • AI
    The **M2AP-61-R/CE** is a high-performance **Programmable Multi-Function Transducer** typically used in industrial automation, power monitoring, and control systems. It is part of the M2AP series designed for signal conversion and isolated transmission. --- ### 1. Core Technical Specifications The following table outlines the primary electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Input Type** | AC Voltage or AC Current (Field Selectable) | | **Output Type** | Dual Output (typically 4-20mA DC or 0-10V DC) | | **Power Supply** | 100–240V AC or 24–48V DC (model dependent) | | **Accuracy** | ±0.2% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation** | 2000V AC @ 1 minute (Input to Output to Power) | | **Mounting** | DIN Rail Mounting (Standard 35mm) | --- ### 2. Key Electronic Components & Design The internal architecture of the M2AP-61-R/CE is built around high-precision signal conditioning: * **Isolation Barrier:** Uses optocouplers or galvanic transformers to ensure complete electrical separation between the input, output, and power supply. This protects sensitive PLC/DCS inputs from high-voltage surges. * **Microprocessor Control:** Unlike basic analog transducers, the "Programmable" aspect means it uses an onboard MCU to handle linearization, scaling, and digital filtering. * **A/D and D/A Converters:** Features high-resolution 16-bit converters to maintain signal integrity during the transition from the analog field sensor to the processed output. * **Protection Circuitry:** Includes Surge protection and EMI/RFI filtering to ensure stable operation in noisy industrial environments. --- ### 3. Connection Diagram Logic While specific pinouts should be verified via the datasheet, the general electronic wiring follows this logic: ```text [ Input Terminals ] <---- High Voltage/Current from CT/PT [ Power Terminals ] <---- External Supply (AC or DC) [ Output 1 ] <---- Analog Signal to Controller (e.g., 4-20mA) [ Output 2 ] <---- Optional redundant or secondary signal ``` ### 4. Application Scenarios * **Power Distribution:** Monitoring line voltage and converting it for SCADA systems. * **Motor Control:** Measuring current draw to detect mechanical overloads. * **Signal Normalization:** Converting non-standard AC signals into standard DC signals for PLC input cards. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific programming software requirements for the M2AP series?
    • ⤷ How does the 'CE' suffix affect the compliance and safety ratings?
    • ⤷ Can the dual outputs be configured for different ranges simultaneously?