Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-62-R2/CE

  • AI
    The **M2AP-62-R2/CE** is a high-performance **Industrial Access Point** and **Wireless Bridge** manufactured by **Antaira Technologies**. It is designed specifically for rugged environments, providing reliable IEEE 802.11a/b/g/n wireless connectivity. Below is a breakdown of its electronic components, technical specifications, and hardware features. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Wireless Standards** | IEEE 802.11a/b/g/n | | **MIMO Technology** | 2x2 MIMO (Multiple-Input Multiple-Output) | | **Ethernet Ports** | 2 x 10/100BaseT(X) RJ45 Ports | | **Power Input** | 12~48VDC (Redundant Input) | | **PoE Support** | IEEE 802.3af (Power over Ethernet) PD | | **Operating Temp** | -10°C to 60°C (Standard) | | **Mounting** | DIN-Rail or Wall Mount | --- ### 2. Core Electronic Components & Architecture #### A. Radio Configuration The device utilizes a dual-radio design (often based on Qualcomm Atheros chipsets) capable of operating in both the **2.4GHz** and **5GHz** spectrums. * **Throughput:** Supports up to 300Mbps via 802.11n. * **Antenna Connectors:** Typically features 2 x RP-SMA connectors for external antennas, allowing for signal optimization. #### B. Power Circuitry The electronic design emphasizes high availability for industrial automation: * **Redundant Power:** Two separate DC inputs to ensure the device stays online if one power supply fails. * **PoE Controller:** Integrated circuitry to handle 48V Power over Ethernet, converting it to internal logic levels (3.3V/5V). * **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected incorrectly. #### C. Robustness and Protection * **Isolation:** High-level EFT (Electrical Fast Transient) and ESD (Electrostatic Discharge) protection for the Ethernet ports. * **Housing:** IP30 rated metal casing which acts as a heat sink and provides EMI (Electromagnetic Interference) shielding. --- ### 3. Operational Modes The internal firmware and hardware logic allow the device to be configured in several electronic modes: 1. **Access Point (AP):** Bridges a wired network to wireless clients. 2. **Client/Bridge:** Connects a wired device (like a PLC) to a wireless network. 3. **Repeater:** Extends the range of an existing wireless signal. 4. **WDS (Wireless Distribution System):** Creates a wireless backbone between multiple APs. --- ### 4. Summary of Connections ```text [ Power Input 1 (V+) ] ----┐ |--> [ Internal Voltage Regulator ] --> [ CPU / Radio ] [ Power Input 2 (V+) ] ----┘ | | [ PoE Input (RJ45) ] ----------------┘ ```
    ✨ Follow-up Questions
    • ⤷ Does the M2AP-62-R2/CE support the 802.11ac standard?
    • ⤷ What is the difference between the standard and 'T' models for this device?
    • ⤷ How do I configure the Redundant Power feature on this Access Point?