Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-D4-R/N

  • AI
    The **M2AP-D4-R/N** is a specialized electronic component, typically identified as a high-performance **Solid State Relay (SSR)** or a specialized **I/O module** used in industrial automation (often associated with brands like Panasonic or similar industrial control manufacturers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device is designed to interface low-power control signals (like those from a PLC) with high-power loads. The "R/N" suffix usually denotes specific logic types (Relay/NPN or similar polarities). | Feature | Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Interface Module | | **Mounting Type** | DIN Rail or PC Board Mount | | **Input Type** | DC Voltage (Logic Level) | | **Output Type** | MOSFET or Transistor (Contactless) | | **Isolation** | Optical Isolation (Photocoupler) | --- ### 2. Key Electronic Parts & Internal Logic The internal circuitry is divided into three primary sections to ensure safety and signal integrity: #### A. Input Circuit (Control Side) * **Current Limiting Resistor:** Protects the internal LED from overcurrent. * **LED Indicator:** Usually integrated into the housing to show the "ON" status of the input signal. * **Reverse Polarity Protection:** A diode prevents damage if the control wires are swapped. #### B. Isolation Barrier * **Photocoupler:** This is the heart of the device. It converts the electrical input into light and back into electricity. This ensures there is **no physical connection** between the high-voltage load and the sensitive controller (PLC). #### C. Output Circuit (Load Side) * **Switching Element:** Typically a Power MOSFET or an IGBT. This allows for high-speed switching without the mechanical wear of a traditional relay. * **Snubber Circuit:** A combination of a resistor and capacitor (or a Varistor) used to suppress voltage spikes caused by inductive loads (like motors or solenoids). --- ### 3. Pin Configuration and Wiring The "D4" designation often refers to a 4-terminal configuration: | Terminal | Function | Description | | :--- | :--- | :--- | | **1 (+)** | Input Positive | Connect to PLC Output / Control Signal | | **2 (-)** | Input Negative | Common Ground / Return Path | | **3 (Load)** | Output Terminal A | Connection to the Power Source | | **4 (Load)** | Output Terminal B | Connection to the Load (Motor, Lamp, Heater) | --- ### 4. Technical Advantages 1. **High-Speed Switching:** Unlike mechanical relays, the M2AP-D4 series can switch at millisecond speeds. 2. **Long Life Cycle:** No moving parts mean it can perform millions of operations without contact pitting. 3. **Silent Operation:** Ideal for environments where mechanical clicking noise is undesirable. 4. **Low Control Power:** Can be driven directly by microcontrollers or low-power sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load current (Amps) for the M2AP-D4-R/N?
    • ⤷ What is the specific input voltage range for this module?
    • ⤷ How does the 'N' version differ from the 'P' version in terms of wiring logic?