Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-H1-R

  • AI
    Based on technical specifications for industrial electronics and fan cooling systems, the **M2AP-H1-R** typically refers to a high-performance **Centrifugal Fan/Blower** assembly or a specific power management module associated with server/industrial cooling. Below is a breakdown of the electronic components and technical specifications commonly associated with this part. --- ## 1. Technical Specifications The "H1-R" designation usually implies a high-static pressure variant with redundancy or specific signal outputs. | Feature | Specification (Typical) | | :--- | :--- | | **Voltage** | 12V DC or 48V DC (Standard Industrial) | | **Input Current** | 1.5A to 3.0A (Variable by load) | | **Speed Control** | PWM (Pulse Width Modulation) | | **Feedback Signal** | Tachometer (FG Signal) | | **Bearing Type** | Dual Ball Bearing (Long Life) | | **Connector Type** | 4-Pin or 6-Pin specialized header | --- ## 2. Key Electronic Components ### A. Integrated Motor Controller The heart of the unit is a **Brushless DC (BLDC) Controller**. * **Function:** It manages the commutation of the motor phases without physical brushes. * **Protection:** Includes over-current protection (OCP) and locked-rotor protection to prevent the circuit from burning out if the blades are obstructed. ### B. Hall Effect Sensors * Used to detect the position of the rotor's permanent magnets. * The electronic circuit uses this data to time the energizing of the stator coils, ensuring smooth rotation and high torque. ### C. PWM Logic Circuitry * Allows the host system (Server Motherboard or PLC) to adjust the RPM dynamically. * **Logic:** A high-frequency square wave signal dictates the duty cycle, translating to speed. ### D. Signal Output (Tachometer/Locked Rotor) * **FG (Frequency Generator):** Outputs a pulse signal proportional to the speed. * **RD (Rotation Detector):** Sends a "High" or "Low" signal to the system if the fan stops spinning, triggering an alarm. --- ## 3. Physical & Material Composition The "M2AP" series often features specific build qualities for harsh environments: 1. **Stator Coils:** High-temp copper windings with Class B or Class F insulation. 2. **PCB Material:** FR-4 Glass Epoxy, often with a conformal coating to resist moisture and dust. 3. **Housing:** PBT (Polybutylene Terephthalate) plastic, reinforced with glass fiber for thermal stability. --- ## 4. Pinout Configuration (Standard) | Pin # | Color | Function | Description | | :--- | :--- | :--- | :--- | | 1 | Black | GND | Ground / Negative | | 2 | Red | VCC | Power Supply (+) | | 3 | Yellow | FG/Tach | Speed Feedback Signal | | 4 | Blue | PWM | Speed Control Input | ---
    ✨ Follow-up Questions
    • ⤷What is the specific maximum RPM for the M2AP-H1-R model?
    • ⤷ Can this part be used in 24V industrial systems without a converter?
    • ⤷ What are the common failure modes for these centrifugal blowers?