Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-H4-R

  • AI
    The **M2AP-H4-R** is a specific electronic component, typically categorized as a high-performance **M.2 (NGFF) Adapter or Connector** often used in industrial and automotive computing environments. It is designed to bridge M.2 modules (like WiFi, Bluetooth, or AI accelerators) to specific motherboard headers. --- ### 1. Key Technical Specifications The "H4" and "R" in the part number often denote specific physical height and orientation (Right-angle or Reverse) characteristics. | Parameter | Specification | | :--- | :--- | | **Form Factor** | M.2 (Next Generation Form Factor) | | **Keying** | Typically Key A, Key E, or Key B (depending on application) | | **Height** | 4.0mm - 4.2mm (Commonly indicated by "H4") | | **Mounting Type** | Surface Mount (SMT) | | **Pitch** | 0.5mm | | **Durability** | ~60 Cycles minimum | --- ### 2. Functional Breakdown Electronic parts within this category consist of several critical sub-elements: #### A. Contact Pins (Copper Alloy) * **Material:** Usually Phosphor Bronze or Copper Alloy. * **Plating:** Gold plating (often 3u" to 15u") on the contact area to prevent oxidation and ensure high-speed signal integrity. * **Function:** Facilitates the high-speed data transfer (PCIe, USB, or SATA) between the module and the PCB. #### B. Insulator Body (LCP Plastic) * **Material:** Liquid Crystal Polymer (LCP). * **Function:** Provides high thermal resistance, allowing the part to withstand reflow soldering temperatures (up to 260°C). It also ensures electrical isolation between the 67-75 pins. #### C. Solder Pegs / Hold-downs * **Function:** Metal tabs on the sides of the connector that are soldered to the board to provide mechanical stability and prevent the connector from lifting during vibration. --- ### 3. Application Use Cases The M2AP series is frequently found in: * **Industrial PCs:** Connecting mPCIe or M.2 communication cards. * **Automotive Infotainment:** Modular upgrades for GPS or LTE modules. * **IoT Gateways:** Allowing for swappable wireless modules. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as a high-density connector. Below is a simplified logical mapping: ```markdown [ M.2 Module ] <------> [ M2AP-H4-R Connector ] <------> [ Host PCB ] | | | Gold Fingers Spring Contacts Solder Pads (Data/Power) (Signal Path) (Trace Entry) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between Key A and Key E for this connector?
    • ⤷ How does the 4.0mm height affect thermal management in compact builds?
    • ⤷ Is this part compliant with automotive vibration standards like AEC-Q100?