Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-Z2-R2/Q

  • AI
    The **M2AP-Z2-R2/Q** is a specialized industrial sensor, typically associated with magnetic proximity sensing or electronic limit switching systems used in automation and robotics. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of electronic components, the technical breakdown is as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Magnetic Proximity Sensor / Reed Switch | | **Output Type** | PNP or NPN (Model dependent, usually 2-wire or 3-wire) | | **Operating Voltage** | 10–28V DC or 80–120V AC (Standard range) | | **Switching Logic** | Normally Open (NO) | | **Indicator** | Red or Green LED for operation status | | **Connection Type** | M12 Circular Connector (indicated by the /Q suffix) | --- ### 2. Electronic Component Breakdown #### A. The Sensor Head (M2AP) This part contains the **Magnetoresistive element**. Unlike a mechanical switch, this uses solid-state electronics to detect the presence of a magnetic field (usually from a cylinder piston). * **Sensitivity:** High magnetic sensitivity allows it to detect thin magnets through stainless steel or aluminum walls. #### B. The Circuitry (Z2-R2) The internal PCB (Printed Circuit Board) consists of: 1. **Switching Element:** Typically a Transistor (for DC) or a Triac (for AC). 2. **Protection Diode:** Prevents damage from reverse polarity. 3. **Surge Suppressor:** Absorbs voltage spikes caused by inductive loads (like solenoids). 4. **Resistor Network:** Limits current to the internal LED indicator. #### C. The Interface (/Q) The **/Q** designation refers to the **Quick Disconnect** feature. * Instead of a hardwired cable, it uses an **M12 4-pin or 3-pin threaded connector**. * This allows for rapid replacement in a factory setting without re-wiring the entire control cabinet. --- ### 3. Application and Wiring These sensors are primarily used on **Pneumatic Cylinders** to provide feedback to a PLC (Programmable Logic Controller). #### Standard Wiring Diagram (M12 Connector) ```text Pin 1: Brown (+) VDC Power Supply Pin 3: Blue (-) Common / Ground Pin 4: Black (S) Signal Output to PLC ``` --- ### 4. Pros and Cons * **Pros:** * **Longevity:** No mechanical moving parts to wear out. * **Speed:** Microsecond response times. * **Durability:** Usually IP67 rated (water and dust-proof). * **Cons:** * **Interference:** Can be affected by strong external electromagnetic fields (like welding equipment). * **Polarity:** Requires a specific magnetic pole orientation to trigger correctly.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R2 and R5 cable length variants?
    • ⤷ How do I troubleshoot a sensor that stays 'ON' even when no magnet is present?
    • ⤷ Can this sensor be used with an AC power supply?