Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AP-Z4-R

  • AI
    The **M2AP-Z4-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Crystal Oscillator**. These components are critical for providing a stable clock signal in digital circuits, telecommunications, and consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M2AP series is known for its high-precision frequency control. The specific suffix "-Z4-R" often denotes custom frequency settings, tolerance levels, or packaging styles (Tape & Reel). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Mounting Type** | Surface Mount (SMD) | | **Package Size** | Typically 2.5mm x 2.0mm or 3.2mm x 2.5mm | | **Output Type** | CMOS / HCMOS | | **Supply Voltage** | Usually 1.8V, 2.5V, or 3.3V (Model dependent) | | **Frequency Stability** | ±20ppm to ±50ppm | --- ### 2. Internal Electronic Structure The device consists of two primary internal sections integrated into a single hermetically sealed package: 1. **Quartz Crystal Blank:** A precision-cut piece of quartz that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect). 2. **Oscillator IC:** An integrated circuit that provides the necessary amplification, feedback, and output buffering to convert the quartz vibration into a usable square-wave signal for microprocessors. --- ### 3. Pin Configuration (Typical) Most M2AP series oscillators utilize a 4-pad layout: | Pad Number | Function | Description | | :--- | :--- | :--- | | **1** | OE (Output Enable) | High: Output active; Low: High impedance (Standby) | | **2** | GND | Ground connection | | **3** | Output | The generated clock frequency signal | | **4** | Vcc | Power supply voltage input | --- ### 4. Key Application Areas * **Wearable Tech:** Due to the small "Z" series footprint. * **Networking:** Providing the reference clock for Ethernet or Wi-Fi modules. * **Microcontrollers:** Driving the system clock for ARM or AVR-based MCUs. * **IoT Devices:** Low power consumption modes make it ideal for battery-operated sensors. --- ### 5. Implementation Code (Example) In digital design, this part acts as the "heartbeat." When defining this in a hardware description or PCB netlist, it is treated as a clock source: ```verilog // Example of using a clock signal from an M2AP oscillator in Verilog module system_clock_divider ( input wire clk_in, // Signal coming from M2AP-Z4-R pin 3 output reg clk_out ); always @(posedge clk_in) begin // Perform logic operations based on the oscillator frequency end endmodule ```
    ✨ Follow-up Questions
    • ⤷ What is the exact operating frequency of the M2AP-Z4-R variant?
    • ⤷ How does the 'Output Enable' pin affect power consumption in this device?
    • ⤷ What are the common alternatives for the M2AP series in high-vibration environments?