Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4113-R2

  • AI
    The **M2AS1-4113-R2** is a specialized electronic component, typically identified as an **SFP (Small Form-factor Pluggable) Transceiver Module** or a specific high-frequency interface component used in networking and telecommunications. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. General Specifications The device is designed to facilitate high-speed data transmission over optical fiber or copper, converting electrical signals into optical signals (and vice versa). | Feature | Description | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | Typically supports 1.25Gbps to 4Gbps (depending on configuration) | | **Wavelength** | Usually 850nm (Multi-mode) or 1310nm (Single-mode) | | **Connector Type** | LC Duplex | | **Voltage Supply** | 3.3V DC | --- ### 2. Key Internal Electronic Parts The module consists of several critical sub-assemblies that manage the signal integrity and conversion: #### A. The Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (like a VCSEL or DFB laser) that converts electrical data bits into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a Photodiode (PIN or APD) and a **TIA (Transimpedance Amplifier)** to convert incoming light back into a low-voltage electrical current. #### B. The Integrated Circuits (ICs) * **Laser Driver:** Controls the current flowing into the TOSA to ensure stable optical output and high-speed switching. * **Limiting Amplifier:** Placed after the ROSA to "square up" the electrical signal, ensuring it reaches standard logic levels for the host PCB. * **EEPROM/MCU:** A small memory chip that stores "Digital Diagnostic Monitoring" (DDM) data, including serial numbers, manufacturer info, and operating parameters (temperature, voltage). #### C. Passive Components * **Bypass Capacitors:** Used to filter noise from the 3.3V power supply. * **Inductors/Ferrite Beads:** Used for EMI (Electromagnetic Interference) suppression. --- ### 3. Pin Configuration Overview The electronic interface follows the standard 20-pin SFP layout. Key pins include: | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | VeeT | Transmitter Ground | | **2** | TX Fault | Indicates laser malfunction | | **12/13** | RD- / RD+ | Differential Receiver Data Output | | **15/16** | VccR / VccT | 3.3V Power Supply for Rx and Tx | | **18/19** | TD+ / TD- | Differential Transmitter Data Input | --- ### 4. Application Context The **R2** suffix usually denotes a specific hardware revision or RoHS compliance level. These parts are most commonly found in: * Ethernet Switches and Routers. * Fiber Channel Storage Area Networks (SAN). * Telecommunication Base Stations.
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the M2AS1-4113-R2?
    • ⤷ How do I access the Digital Diagnostic Monitoring (DDM) data from this module?
    • ⤷ Is this module compatible with standard Cisco or Juniper switches?