Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4122-R2/N

  • AI
    The **M2AS1-4122-R2/N** is a specific part number typically associated with high-performance power modules or power distribution components, often found in industrial servers, networking equipment, or modular power systems (such as those manufactured by companies like **Delta Electronics** or specialized PSU vendors). Below is a breakdown of the electronic characteristics and specifications generally associated with this series of components. --- ## 1. Component Overview This part is a **Power Module** designed for high-density power conversion. It is often categorized as a "Point of Load" (POL) converter or a specific power management block. | Feature | Specification Details | | :--- | :--- | | **Category** | Power Supply Unit (PSU) / Voltage Regulator Module | | **Form Factor** | Modular / Plug-in | | **Input Voltage Range** | Typically 36V - 75V (Standard Telecom/Industrial Input) | | **Output Type** | DC-DC Step Down | | **Cooling** | Often requires forced air or heat-sink mounting | --- ## 2. Key Electronic Parts & Construction The internal architecture of the M2AS1-4122 series consists of several critical sub-systems: ### A. Power Conversion Stage * **MOSFETs:** High-frequency switching transistors (usually Gallium Nitride or Silicon-based) to ensure high efficiency. * **Magnetic Components:** High-permeability inductors used for energy storage and smoothing the output current. * **Capacitor Bank:** A mix of ceramic (MLCC) and polymer capacitors to reduce output ripple and manage transient responses. ### B. Control & Logic * **PWM Controller:** An integrated circuit that regulates the duty cycle to maintain a steady output voltage regardless of load changes. * **Digital Interface:** Many "R2/N" variants include a **PMBus** or **I2C** interface for digital monitoring of temperature, current, and voltage. ### C. Protection Circuitry * **OVP/OCP:** Over-Voltage and Over-Current protection via sensing resistors. * **OTP:** Over-Temperature Protection utilizing internal thermistors to shut down the unit if thermal limits are exceeded. --- ## 3. Pinout & Connectivity While specific pinouts vary by manufacturer, these modules generally follow a standard industrial footprint: | Pin Type | Function | | :--- | :--- | | **Vin+ / Vin-** | Primary DC Input | | **Vout+ / Vout-** | Regulated DC Output | | **Trim** | Allows manual adjustment of the output voltage via a resistor | | **Remote On/Off** | Logic level signal to enable or disable the module | | **Sense+ / Sense-** | Remote sensing to compensate for voltage drops over traces | --- ## 4. Typical Applications 1. **Telecommunications:** Powering base stations and optical networking gear. 2. **Data Centers:** Distributed power architectures (DPA) where 48V is stepped down to 12V or lower. 3. **Industrial Automation:** Powering PLC controllers and sensitive sensor arrays.
    ✨ Follow-up Questions
    • ⤷ What is the exact input/output voltage rating for the R2/N revision?
    • ⤷ Does this module support the PMBus protocol for digital monitoring?
    • ⤷ What are the mounting requirements for thermal management for this part?