Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4124-R2

  • AI
    The **M2AS1-4124-R2** is a specialized power supply module, typically categorized as an **AC-DC redundant power supply unit (PSU)**, commonly used in enterprise servers, storage arrays (like those from NetApp), and networking equipment. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications This unit is designed for high-availability environments where power failure is not an option. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Universal Input) | | **Output Power** | 412 Watts (Max) | | **Main DC Output** | +12V Rail (Primary for CPU/Drives) | | **Standby Power** | +5V or +3.3V SB (For management controllers) | | **Cooling** | Internal forced-air (Integrated cooling fan) | | **Redundancy** | Hot-swappable (N+1 Support) | --- ### 2. Key Electronic Parts & Architecture The internal circuitry of the M2AS1-4124-R2 is divided into several critical stages: #### A. Input Filtering (EMI/EMC) * **X and Y Capacitors:** Filter out electromagnetic interference from the AC line. * **Common Mode Chokes:** Prevent noise generated by the switching power supply from feeding back into the grid. * **MOV (Metal Oxide Varistor):** Protects the internal components from high-voltage surges. #### B. PFC Stage (Power Factor Correction) * **Active PFC Circuit:** Uses a controller IC and a large inductor to ensure the current waveform follows the voltage waveform, increasing efficiency and meeting regulatory standards. * **Bulk Capacitor:** Typically a high-voltage (450V) electrolytic capacitor that stores energy for the high-frequency switching stage. #### C. DC-DC Conversion & Switching * **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** High-speed switches that convert the DC bus voltage into high-frequency AC for the transformer. * **Main Transformer:** Provides galvanic isolation between the AC input and DC output while stepping down the voltage. #### D. Monitoring & Interface * **I2C / PMBus Interface:** Allows the server's motherboard or BMC (Baseboard Management Controller) to monitor temperature, fan speed, current draw, and health status. * **Hot-Swap Controller:** Includes protection diodes or "ORing" MOSFETs that allow the unit to be plugged in or removed while the system is running without causing a voltage spike. --- ### 3. Physical Connector and Form Factor The "R2" revision often indicates a specific mechanical fitment or firmware update for newer backplanes. It usually features a **blind-mate edge connector** that carries: 1. **High Current DC Pins:** For the 12V output. 2. **Signal Pins:** For PS_ON, PS_KILL, and I2C Data/Clock. 3. **Grounding:** Chassis ground and logic ground. ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms for the M2AS1-4124-R2 unit?
    • ⤷ How does the hot-swap 'ORing' logic work in this specific PSU?
    • ⤷ Can this power supply be used in a standard PC build?