Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4134-R

  • AI
    The **M2AS1-4134-R** is a specific part number typically associated with high-performance networking hardware components, specifically **SFP+ (Small Form-factor Pluggable)** optical transceivers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview This part is a 10Gbps SFP+ SR (Short Range) optical transceiver module. It is designed for use in 10-Gigabit Ethernet links over multi-mode fiber. | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10.3125 Gbps | | **Wavelength** | 850 nm | | **Connector Type** | Duplex LC | | **Fiber Type** | Multi-mode Fiber (MMF) | | **Max Distance** | 300m (on OM3) / 400m (on OM4) | | **Digital Monitoring** | DOM / DDM Supported | --- ### 2. Electronic Architecture The internal electronics of the M2AS1-4134-R consist of several critical sub-systems: #### A. The Transmitter Path * **VCSEL Driver:** An integrated circuit that converts the differential electrical signals from the host (switch/router) into current pulses. * **VCSEL Laser:** An 850nm Vertical-Cavity Surface-Emitting Laser that converts electrical pulses into light signals. #### B. The Receiver Path * **PIN Photodiode:** Detects incoming optical signals and converts them back into a weak electrical current. * **TIA (Trans-Impedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Restores the signal to standard logic levels for the host system. #### C. Control and Interface * **I2C Serial Interface:** Used for communication between the module and the host. It allows the host to read identification data and real-time diagnostics. * **EEPROM:** Stores manufacturer information, part number, and calibration constants. --- ### 3. Electrical Pin Configuration The module uses a 20-pin connector. Key electronic pins include: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | VeeT | Transmitter Ground | | 2 | TX Fault | Transmitter Fault Indication | | 3 | TX Disable | Optical Output Disable | | 4 | SDA | I2C Data Line | | 5 | SCL | I2C Clock Line | | 12/13 | RD- / RD+ | Receiver Differential Output | | 18/19 | TD+ / TD- | Transmitter Differential Input | --- ### 4. Digital Diagnostic Monitoring (DDM) The "electronic brain" of this part allows for real-time monitoring of: 1. **Supply Voltage:** Ensures the module is receiving the correct 3.3V. 2. **Temperature:** Monitors internal heat to prevent thermal runaway. 3. **Laser Bias Current:** Indicates the health of the VCSEL. 4. **TX Optical Power:** Measures the strength of the outgoing light. 5. **RX Optical Power:** Measures the strength of the incoming light from the far end.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption limits for the M2AS1-4134-R module?
    • ⤷ Is this module compatible with Cisco or Juniper hardware standards?
    • ⤷ What is the difference between OM3 and OM4 fiber performance for this part?