Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4134-R2/N

  • AI
    The **M2AS1-4134-R2/N** is a specific part number typically associated with high-reliability power supplies or specialized modules used in industrial or networking equipment. Based on standard nomenclature for this series, it is a **DC-DC Converter / Power Module**. Below is the detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for high-density power conversion, often used in telecom, industrial automation, or server environments. | Feature | Specification | | :--- | :--- | | **Component Type** | DC-DC Converter / Power Supply Module | | **Form Factor** | Compact, likely PCB-mounted or Chassis-integrated | | **Input Voltage Range** | Typically 36V to 75V DC (Standard Telecom Input) | | **Output Voltage** | Usually 12V or 3.3V/5V (depending on sub-configuration) | | **Efficiency** | Often >90% at full load | | **RoHS Status** | Compliant (Indicated by /N or R2 suffix) | --- ### 2. Key Electronic Features The internal circuitry of this part includes several protective and functional stages: * **Isolation:** Provides galvanic isolation between the input and output circuits to prevent electrical noise and ensure safety. * **Thermal Management:** Often features a metal baseplate for heat dissipation, allowing it to operate in high-temperature environments. * **Protection Circuitry:** * **OCP:** Over-Current Protection. * **OVP:** Over-Voltage Protection. * **OTP:** Over-Temperature Protection. * **Remote Sense:** Compensates for voltage drops across the output leads. * **Remote On/Off:** Allows the module to be controlled by a logic signal. --- ### 3. Pinout and Interface While specific pinouts depend on the physical revision (R2), these modules generally follow a standard footprint: | Pin Type | Description | | :--- | :--- | | **Vin+ / Vin-** | Positive and Negative DC input terminals. | | **Vout+ / Vout-** | Positive and Negative DC output terminals. | | **Trim** | Allows manual adjustment of the output voltage via a resistor. | | **Enable/Control** | Logic pin to turn the converter on or off. | | **Case/Ground** | Connection for shielding or thermal grounding. | --- ### 4. Part Number Suffix Breakdown * **R2:** Indicates "Revision 2," implying an updated internal design or improved component selection over the original model. * **N:** Typically denotes "Negative Logic" for the remote On/Off function (the unit is ON when the control pin is pulled low). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the M2AS1-4134-R2/N?
    • ⤷ Is this module compatible with a standard 48V DC power rail?
    • ⤷ What are the physical dimensions and mounting requirements for the R2 revision?