Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4141-R2

  • AI
    The **M2AS1-4141-R2** is a specific part number typically associated with high-frequency, precision **Coaxial Switches**, often manufactured by companies like *Dow-Key Microwave* or similar aerospace-grade component providers. These switches are used to route Radio Frequency (RF) signals between different paths with minimal loss. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Frequency Range** | DC to 18 GHz (or higher depending on connector) | | **Actuator Voltage** | 12V to 28V DC | | **Connector Type** | SMA (Female) | | **Actuation Mode** | Failsafe or Latching (Model specific) | | **Impedance** | 50 Ohms | --- ### 2. Electronic Component Breakdown The device is comprised of three main functional sections: #### A. The RF Cavity This is the mechanical heart of the switch. It uses gold-plated contacts to ensure low **Insertion Loss** (signal fading) and high **Isolation** (preventing signal leakage into the "off" port). * **VSWR:** Usually kept below 1.5:1 to prevent signal reflection. #### B. The Solenoid Actuator The "electronic" part of the switch is an electromagnetic coil. When voltage is applied: 1. A magnetic field is generated. 2. A plunger moves the RF contacts from one position to another. 3. In **Failsafe** mode, the switch returns to Position 1 when power is removed. In **Latching** mode, it stays in the last position. #### C. Internal Indicator Circuitry (The "4141" designation) The numbers in the suffix often denote internal features: * **Indicator Contacts:** Internal sensors that provide a logic signal back to a controller to confirm the switch has actually moved. * **Suppression Diodes:** Protects your control electronics from "Back EMF" (voltage spikes) when the coil is de-energized. --- ### 3. Common Applications Due to its precision, this part is used in: * **Satellite Communications:** Switching between primary and backup transmitters. * **Automated Test Equipment (ATE):** Routing signals from a device under test to multiple analyzers. * **Radar Systems:** Directing pulses between the antenna and receiver. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between failsafe and latching actuators in RF switches?
    • ⤷ How do I interpret the specific numbering code for Dow-Key switches?
    • ⤷ What are the common failure modes for electromechanical coaxial switches?