Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4141-R2SLASHCE

  • AI
    Based on the part number **M2AS1-4141-R2/CE**, this typically refers to a specific configuration of a **Magnetic Proximity Sensor** or a **Safety Interlock Switch**, often associated with industrial automation brands like *Schmersal* or similar safety component manufacturers. Below is a breakdown of the electronic and mechanical characteristics typical of this series. --- ### 1. Technical Specifications The "M2AS" series generally features non-contact magnetic switching technology designed for monitoring the position of sliding, hinged, or removable safety guards. | Feature | Description | | :--- | :--- | | **Switching Principle** | Magnetic Reed or Hall Effect (Non-contact) | | **Contact Configuration** | 1 NO (Normally Open) / 1 NC (Normally Closed) or 2NC | | **Voltage Rating** | Typically up to 24V DC / 100V AC (model dependent) | | **Switching Current** | Max 0.2A to 0.5A | | **Housing Material** | Glass-fiber reinforced thermoplastic | | **IP Rating** | IP67 (Dust tight and waterproof) | | **Connection Type** | Usually M8 or M12 Connector or Fixed Cable | --- ### 2. Component Breakdown The alphanumeric code identifies the specific build of the unit: * **M2AS:** The basic series designation for a magnetic safety sensor. * **4141:** Refers to the internal contact arrangement and the actuation zone (the distance at which the magnet triggers the switch). * **R2:** Likely denotes the revision level or a specific wiring orientation (e.g., right-angle connector or specific cable length). * **CE:** Certification mark indicating compliance with European Union health, safety, and environmental protection standards. --- ### 3. Electronic Functionality These parts operate based on a magnetic field interaction rather than mechanical force. 1. **Non-Contact Operation:** The electronic circuit closes or opens when a coded magnetic actuator comes within the specified sensing range (usually 5mm - 12mm). 2. **Safety Redundancy:** These parts often feature two independent switching elements to allow for "dual-channel" monitoring. If one contact fails (welds), the safety relay detects the discrepancy and prevents the machine from restarting. 3. **Hysteresis:** The electronics are designed with a built-in "differential" so that minor vibrations do not cause the sensor to flicker or "chatter" between ON and OFF states. --- ### 4. Typical Wiring Diagram (Conceptual) Most sensors in this category follow a standard industrial color code for their internal electronic leads: ```yaml Brown (BN): Safety Channel 1 (Input) White (WH): Safety Channel 1 (Output) Blue (BU): Safety Channel 2 (Input) Black (BK): Safety Channel 2 (Output) ``` --- ### 5. Application Areas * **Machine Guarding:** Ensuring a motor stops if a safety door is opened. * **Position Detection:** Verifying the presence of a component in a harsh environment. * **Food & Beverage:** Used because the sealed plastic housing is easy to clean and resists corrosion.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching distance for the M2AS series?
    • ⤷ Can this sensor be used with a standard safety relay?
    • ⤷ What are the mounting requirements for the magnetic actuator?