Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4143-R/N

  • AI
    The **M2AS1-4143-R/N** is a specific model of an **SFP (Small Form-factor Pluggable)** optical transceiver module, typically manufactured by companies like **Formerica Optoelectronics**. It is designed for high-speed fiber optic communication. --- ## 1. Technical Specifications The following table outlines the core electronic and optical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | 1.25 Gbps (Gigabit Ethernet / Fiber Channel) | | **Wavelength** | 1310 nm | | **Connector Type** | Duplex LC | | **Transmission Distance** | Up to 10 km (Single Mode Fiber) | | **Interface Type** | SerDes (Serial-Deserializer) | | **Supply Voltage** | 3.3V | --- ## 2. Key Electronic Components Inside the M2AS1-4143-R/N, several critical electronic sub-systems work together to convert electrical signals to light and vice versa: ### A. Transmitter Section (TOSA) * **Laser Diode (FP/DFB):** Converts electrical pulses from the network switch into optical pulses. * **Laser Driver IC:** A high-speed integrated circuit that modulates the current flowing through the laser diode to ensure clean signal switching. ### B. Receiver Section (ROSA) * **PIN Photodiode:** Detects incoming light pulses and converts them back into a weak electrical current. * **Trans-Impedance Amplifier (TIA):** Converts the weak current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Quantizes the signal to ensure a standard logic level is sent to the host system. ### C. Control & Monitoring * **EEPROM:** Stores identification data (vendor name, serial number, part number) and configuration parameters. * **Digital Diagnostics Monitoring (DDM):** While "R/N" suffixes vary by manufacturer, this series often includes I2C-based monitoring for temperature, voltage, and optical power. --- ## 3. Pinout Configuration The module uses a standard 20-pin gold finger connector to interface with the host PCB. ```yaml Pin 1: VeeT (Transmitter Ground) Pin 2: TX_Fault (Transmitter Fault Indication) Pin 3: TX_Disable (Optical output disable) Pin 4: MOD-DEF2 (I2C Data Line - SDA) Pin 5: MOD-DEF1 (I2C Clock Line - SCL) ... Pin 12: RD- (Inverted Received Data Out) Pin 13: RD+ (Non-Inverted Received Data Out) Pin 18: TD+ (Non-Inverted Transmit Data In) Pin 19: TD- (Inverted Transmit Data In) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and N suffixes in this part number?
    • ⤷ Can this module be used in a 10Gbps SFP+ slot?
    • ⤷ What are the power consumption limits for this specific transceiver?