Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4232-R

  • AI
    The **M2AS1-4232-R** is a specific electronic component, typically categorized as a **Micro-D connector** or a specialized high-density interconnect often used in aerospace, defense, and industrial applications. Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. Technical Specifications This part belongs to a class of connectors designed for space-saving and high-reliability environments. | Feature | Specification | | :--- | :--- | | **Component Type** | Micro-D Connector (Rectangular) | | **Number of Contacts** | Typically 31 or 37 (Standard for the 4232 series) | | **Pitch** | 0.050" (1.27 mm) centers | | **Mounting Type** | Through-hole (PCB Mount) or Right Angle | | **Material** | Aluminum shell (Electroless Nickel plating common) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Electronic Performance The electronic integrity of the M2AS1-4232-R is defined by its ability to handle signals without significant loss or interference. * **Current Rating:** Rated for approximately **3 Amps** per contact. * **Dielectric Withstanding Voltage:** Usually rated at **600 VAC** at sea level. * **Contact Resistance:** Extremely low (approx. 8 milliohms max) to ensure minimal voltage drop. * **Insulation Resistance:** Minimum of **5000 Megohms** at 500 VDC. --- ### 3. Key Physical Components The assembly consists of several critical sub-parts: 1. **Pin/Socket Contacts:** Often made of copper alloy with gold plating to prevent oxidation and ensure high conductivity. 2. **Insulator:** High-grade thermoplastic (like Polyphenylene Sulfide) to prevent arcing between pins. 3. **Hardware:** Includes "Jackscrews" or "Jackposts" for secure mechanical locking, preventing accidental disconnection under vibration. 4. **Shielding:** The metal shell provides EMI/RFI protection, essential for sensitive electronic circuits. --- ### 4. Applications Due to its ruggedized nature, this part is frequently found in: * **Avionics:** Flight control systems and cockpit displays. * **Medical Equipment:** High-end imaging and diagnostic tools. * **Robotics:** Compact signal routing in articulated limbs. * **Telecommunications:** High-density rack-mounted hardware. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin configuration for the R-suffix variant?
    • ⤷ How does the electroless nickel plating affect EMI shielding?
    • ⤷ Are there equivalent parts from manufacturers like Glenair or ITT Cannon?