Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4232-R/Q

  • AI
    The **M2AS1-4232-R/Q** refers to a high-performance **M.2 (SATA/PCIe) Solid State Drive (SSD)**, typically associated with industrial or enterprise-grade storage solutions (often linked to brands like ADATA or specific OEM industrial suppliers). Below is a breakdown of the electronic components and technical specifications of this module. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm width, 80mm length) | | **Interface** | SATA III 6Gb/s (Some variants support PCIe Gen3 x4) | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity Range** | Typically 128GB to 1TB | | **Operating Temp** | Standard (0°C to 70°C) or Industrial (-40°C to 85°C) | --- ### 2. Key Electronic Components The architecture of this M.2 module consists of three primary electronic sections: #### A. The Controller (The "Brain") The controller manages data flow, error correction, and wear leveling. * **Flash Management:** Handles Bad Block Management and Global Wear Leveling to extend the life of the NAND chips. * **ECC (Error Correction Code):** Usually employs LDPC (Low-Density Parity-Check) to ensure data integrity. * **S.M.A.R.T support:** Monitoring software for health and temperature. #### B. 3D NAND Flash (Storage) Unlike older 2D planar NAND, 3D NAND stacks memory cells vertically. * **Density:** Higher storage capacity in a smaller footprint. * **Reliability:** Reduced cell-to-cell interference compared to 2D NAND. #### C. Power Management Circuitry * **PMIC:** Regulates the 3.3V power supply provided by the M.2 slot down to the lower voltages required by the controller and NAND (often 1.8V and 1.2V). * **Capacitors:** Surface-mount ceramic capacitors (MLCC) provide decoupling and noise filtering. --- ### 3. Performance Metrics | Metric | Estimated Value | | :--- | :--- | | **Sequential Read** | Up to 560 MB/s | | **Sequential Write** | Up to 520 MB/s | | **MTBF** | > 2,000,000 hours | | **Vibration Resistance** | 20G (Peak-to-Peak) | --- ### 4. Part Number Decoder (General) While specific to the manufacturer, the suffix usually denotes environmental ratings: * **-R:** Often signifies "Retail" or a specific "Revision" of the firmware/PCB. * **-Q:** Usually indicates "Industrial Grade" or extended testing for "Quality" assurance in harsh environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the TBW (Total Bytes Written) rating for this specific SSD model?
    • ⤷ Does this model support Power Loss Protection (PLP) via onboard capacitors?
    • ⤷ How do I interface this module with a non-M.2 legacy system?