Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4233-R2/N

  • AI
    The **M2AS1-4233-R2/N** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-precision magnetic component, often used in automotive and industrial power management circuits. Below is a breakdown of its technical specifications and functional attributes. --- ### 1. Technical Specifications While specific naming conventions can vary by manufacturer (such as Cyntec or Chilisin), the part number generally decodes into the following parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Usually denoted by the numeric code (e.g., 4.2µH or 3.3µH depending on series mapping) | | **Tolerance** | ±20% (Standard for "M" prefix) | | **Core Material** | Metal Alloy / Carbonyl Powder (High saturation) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ### 2. Key Electronic Features The "R2/N" series is known for several critical electronic properties: * **Magnetic Shielding:** The part is constructed with a molded resin/metal powder body that minimizes Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts. * **High Saturation Current ($I_{sat}$):** Designed to maintain inductance levels even under high peak current conditions, preventing circuit failure during power spikes. * **Low DCR (DC Resistance):** Uses flat-wire or high-conductivity copper to minimize power loss as heat, improving overall energy efficiency. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, these metal alloy cores exhibit a "soft" roll-off, providing more stability. --- ### 3. Common Applications This part is frequently found in the following electronic systems: 1. **DC/DC Converters:** Used as a storage inductor in buck, boost, or buck-boost regulators. 2. **Automotive Infotainment:** Found in Head Units and ADAS modules due to high temperature resilience. 3. **Computing:** Voltage Regulator Modules (VRM) for CPUs and GPUs where high current and low profile are required. 4. **Telecommunications:** Power supply filtering for base stations. --- ### 4. Part Number Breakdown (Generalized) | Segment | Meaning | | :--- | :--- | | **M2AS** | Series code (likely Metal Alloy Shielded) | | **1** | Size/Thickness indicator | | **4233** | Physical dimensions (e.g., 4.2mm x 3.3mm) | | **R2** | Revision or specific Inductance Value (e.g., 0.22µH or 2.2µH) | | **N** | Tolerance or Lead-Free/RoHS compliance code |
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) rating for this specific model?
    • ⤷ Can this part be used in AEC-Q200 qualified automotive applications?
    • ⤷ What are the recommended footprint dimensions for PCB soldering?