Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4331-R/CE

  • AI
    The **M2AS1-4331-R/CE** is a specialized industrial-grade **Solid State Relay (SSR)** or control module, typically associated with automation systems and logic control. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical behavior: | Feature | Specification | Description | | :--- | :--- | :--- | | **Control Voltage** | 4 - 32 VDC | The input signal range required to trigger the device. | | **Load Voltage** | 24 - 440 VAC | The high-power AC voltage the device is capable of switching. | | **Rated Current** | 30A - 40A (Typical) | The maximum continuous load current (requires heat sinking). | | **Switching Type** | Zero-Cross | Reduces EMI by switching only when the AC sine wave is at zero. | | **Isolation** | Opto-isolation | Physical separation between control and load circuits for safety. | --- ### 2. Key Internal Components The internal architecture of this module consists of three primary electronic stages: 1. **Input Circuit (Control Side):** * **Current Limiting Resistor:** Protects the internal LED from overcurrent. * **Reverse Polarity Protection:** A diode that prevents damage if the DC control wires are swapped. 2. **Isolation Barrier:** * **Optocoupler:** Uses a pulse of light to bridge the gap between low-voltage DC and high-voltage AC, preventing surges from reaching the controller (PLC). 3. **Output Circuit (Load Side):** * **TRIAC or Back-to-Back Thyristors (SCRs):** The high-speed semiconductor switches that handle the actual power. * **Snubber Circuit (RC Network):** Protects the semiconductor from voltage spikes ($dv/dt$) caused by inductive loads like motors or solenoids. --- ### 3. Application Use Cases This specific model is designed for high-cycle environments where traditional mechanical relays would fail due to contact wear. * **PID Temperature Control:** Rapidly pulsing heaters in plastic injection molding. * **Motor Control:** Small AC motors that require frequent start/stop cycles. * **Lighting Arrays:** Controlling large banks of industrial lighting. --- ### 4. Installation & Thermal Management Because this is a semiconductor-based device, it generates heat proportional to the current passing through it (approx. 1.2 to 1.5 Watts per Ampere). ```markdown Maintenance Checkpoints: 1. Thermal Paste: Must be applied between the module base and the heatsink. 2. Torque: Ensure terminals are tightened to the specified N-m to prevent arcing. 3. Fusing: Use high-speed (semiconductor) fuses to protect against short circuits. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2AS1 series?
    • ⤷ How does a Zero-Cross SSR differ from a Random-Fire SSR in this model?
    • ⤷ What is the recommended heatsink size for a 30A load on this device?