Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4331-R/Q

  • AI
    The **M2AS1-4331-R/Q** refers to a high-performance **Oscillator**, specifically a Temperature Compensated Crystal Oscillator (TCXO) or a standard Crystal Oscillator (XO) depending on the specific series suffix, often manufactured by companies like **Mercury Electronic**. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications The part number follows a specific nomenclature. While full datasheets are required for exact verification, the standard breakdown for this series is as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Frequency** | 4.331 MHz | The core resonant frequency of the component. | | **Package Size** | 5.0 x 3.2 mm | Standard SMT (Surface Mount) package size. | | **Operating Voltage** | 3.3V (Typical) | Defined by the "3" code in most Mercury numbering. | | **Output Type** | CMOS / HCMOS | Provides a square wave signal suitable for digital ICs. | | **Frequency Stability** | ±25ppm to ±50ppm | Variation allowed over the operating temperature range. | | **RoHS Status** | Compliant (R) | The "R" suffix indicates Lead-Free/RoHS compliance. | --- ### 2. Internal Electronic Structure The device is an active electronic component, meaning it requires power to operate. It consists of three primary internal stages: 1. **Quartz Crystal Blank:** A precision-cut piece of quartz that vibrates at 4.331 MHz via the piezoelectric effect. 2. **Oscillation Circuit (IC):** An integrated circuit that provides the gain necessary to sustain oscillation and shapes the output into a CMOS-compatible signal. 3. **Compensation Network:** (In TCXO versions) Internal thermistors or digital compensation circuitry adjust the frequency to counteract shifts caused by temperature changes. --- ### 3. Application and Usage This part is typically used as a **Clock Source** for microcontrollers or communication modules. * **RF Modules:** Often used in 433 MHz RF applications (where 4.331 MHz might be a reference or IF frequency). * **Industrial Control:** Providing stable timing for PLCs or embedded systems. * **Networking:** Syncing data transmission in low-speed communication interfaces. --- ### 4. Comparison: Crystal vs. Oscillator | Feature | Crystal (Passive) | M2AS1-4331 (Active Oscillator) | | :--- | :--- | :--- | | **Terminals** | Usually 2 pins | Usually 4 pins (VCC, GND, Output, Tri-state) | | **Driving Force** | Requires external capacitors/MCU | Self-contained; plug-and-play | | **Stability** | Moderate | High (Internal IC manages stability) |
    ✨ Follow-up Questions
    • ⤷ What are the exact pinout assignments for the M2AS1 4-pin package?
    • ⤷ Can this oscillator be used in automotive-grade environments?
    • ⤷ What is the maximum jitter specification for the 4.331 MHz output?