Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4331-R2/CE

  • AI
    The **M2AS1-4331-R2/CE** is a specialized electronic component, typically categorized as a **Micro-positioning Piezo Actuator** or a high-precision **Linear Stage System** (often associated with manufacturers like Nanomotion or similar high-end industrial motion control brands). Below is a breakdown of its technical characteristics and electronic architecture. --- ## 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Type** | Piezoelectric Ultrasonic Motor / Linear Stage | | **Operating Voltage** | Typically 48V - 100V AC/DC (Driver dependent) | | **Resolution** | Sub-micron level (often down to 10nm - 100nm) | | **Feedback Mechanism** | Optical Incremental Encoder | | **Connectivity** | Multi-pin Circular or D-Sub connector | | **Compliance** | CE (European Conformity) Certified | --- ## 2. Key Electronic Components The system is composed of several integrated sub-parts that allow for nanometer-level precision: ### A. Piezoelectric Elements At the core are ceramic piezo elements. Unlike traditional electromagnetic motors, these use the **Inverse Piezoelectric Effect**, where electrical energy is converted into mechanical vibration. This allows for: * High holding force without power consumption. * No electromagnetic interference (EMI). ### B. Encoder Feedback System The "R2" designation often refers to a specific resolution or revision of the internal **optical encoder**. * **Electronics:** Consists of an LED source and a photodetector array. * **Output:** Differential TTL or 1Vpp Sin/Cos signals used by the controller to close the loop on positioning. ### C. Driver Interface (The "CE" designation) The "CE" suffix confirms that the internal electronics meet EU safety and electromagnetic compatibility standards. This involves: * **Filtering:** Internal capacitors and inductors to reduce electronic noise. * **Shielding:** Protection against electrostatic discharge (ESD) to prevent damage to the sensitive piezo ceramics. --- ## 3. Wiring and Signal Flow The electronic signal path generally follows this structure: 1. **Power Input:** High-frequency AC signal sent from a dedicated Piezo Driver. 2. **Drive Signal:** Excites the piezo ceramics to create microscopic "walking" motions. 3. **Sensor Output:** The encoder sends pulses back to the motion controller via the interface cable to verify the physical position. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible controllers for the M2AS1 series?
    • ⤷ How do I troubleshoot an encoder error in this specific model?
    • ⤷ What is the maximum load capacity for the R2 revision?