Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4341-R2/N

  • AI
    The **M2AS1-4341-R2/N** is a specific high-performance computing component, typically associated with specialized server motherboards or system-on-chip (SoC) modules used in industrial or network storage applications. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications This part is often categorized as a **Micro-Server Module** or a **Processor Mezzanine Card**, commonly used in high-density environments. | Feature | Specification | | :--- | :--- | | **Component Type** | Processor Board / System Module | | **Processor Series** | Often integrated with Marvell ARMADA or similar ARM-based SoCs | | **Form Factor** | Proprietary Mezzanine / M.2-derived custom interface | | **Cooling** | Passive or Active (depending on chassis integration) | | **Application** | Networking, NAS, Edge Computing, and Micro-servers | --- ### 2. Electronic Architecture The "R2/N" designation usually refers to the hardware revision and specific configuration (e.g., memory capacity or clock speed). #### A. Processing Unit * **Architecture:** Typically utilizes a multi-core ARM Cortex processor. * **Voltage Regulation:** Includes integrated PMICs (Power Management Integrated Circuits) to step down input voltage (usually 12V or 5V) to the low voltages required by the CPU cores (0.8V - 1.2V). #### B. Memory and Storage * **RAM:** Integrated LPDDR4 or DDR4 SDRAM. * **Flash:** Onboard eMMC or SPI Flash for bootloader and firmware storage. * **Bus Interface:** High-speed SerDes (Serializer/Deserializer) lanes to handle PCIe or SATA traffic. #### C. Connectivity Interfaces The pins on the M2AS1 interface typically carry the following signals: * **PCIe Lanes:** For high-speed communication with the carrier board. * **I2C/SMBus:** For thermal monitoring and hardware identification (EEPROM). * **UART:** For low-level console debugging. * **GPIO:** General Purpose Input/Output for status LEDs or reset triggers. --- ### 3. Pinout and Signal Integrity Because these modules operate at high frequencies (GHz range), the PCB design of the M2AS1-4341 involves: 1. **Differential Pairs:** Used for PCIe and Ethernet signals to minimize electromagnetic interference (EMI). 2. **Multilayer PCB:** Usually an 8 to 12-layer board to ensure stable ground planes and power delivery. 3. **Gold-Plated Contacts:** To ensure low resistance and prevent oxidation at the physical connection point. --- ### 4. Typical Use Case: Network Storage In a system like a QNAP or Synology enterprise rackmount, this part functions as the "brain" on a removable card, allowing for easier hardware swaps or upgrades without replacing the entire backplane.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2AS1-4341-R2/N?
    • ⤷ Is this module compatible with standard M.2 slots found on consumer motherboards?
    • ⤷ Which specific Marvell SoC model is utilized in this hardware revision?