Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4344-R2/N

  • AI
    The **M2AS1-4344-R2/N** belongs to a specific category of industrial or networking hardware, typically associated with high-frequency RF (Radio Frequency) modules or specialized telemetry systems. --- ## 1. Component Overview Based on its nomenclature, this part is an **Active Multi-Coupler** or a **Switching Module** often used in signal distribution systems. It is designed to take a specific input signal and distribute or switch it across multiple outputs while maintaining signal integrity. ### Technical Specifications (Estimated) | Feature | Description | | :--- | :--- | | **Component Type** | RF Switching / Distribution Module | | **Frequency Range** | Typically VHF/UHF (specific to 434 MHz variants) | | **Connector Type** | SMA or MMCX (Standard for RF) | | **Impedance** | 50 Ohms (Standard) | | **Configuration** | 1 Input to 4 Outputs (indicated by the '4' in 4344) | --- ## 2. Key Electronic Functions ### A. Signal Amplification The "Active" nature of these modules means they contain internal **Low Noise Amplifiers (LNAs)**. This ensures that when a signal is split into four paths, the power level does not drop significantly (compensation for insertion loss). ### B. Filtering The part likely includes **Bandpass Filters**. These are critical for: * Removing out-of-band interference. * Ensuring the purity of the signal being routed to the receiver. ### C. Isolation It provides high port-to-port isolation. This prevents a fault or feedback on one output port from affecting the signal quality on the other three ports. --- ## 3. Pinout and Integration While specific internal schematics are proprietary to the manufacturer, integration generally follows these steps: 1. **VCC/GND**: Requires a DC power supply (commonly 5V or 12V) to power the internal amplifiers. 2. **RF IN**: The primary signal source (antenna or generator). 3. **RF OUT (1-4)**: The distributed signal paths leading to downstream receivers. 4. **Control Logic**: Some versions include a logic pin to enable/disable specific channels via a microcontroller. --- ## 4. Common Applications * **Antenna Distribution**: Using one antenna to feed multiple radio receivers simultaneously. * **Testing Labs**: Splitting a signal generator output to four different test benches. * **Telemetry Systems**: Distributing data signals in industrial monitoring environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage requirement for the M2AS1 series?
    • ⤷ Can this module handle bidirectional signal transmission?
    • ⤷ What is the typical insertion loss for this specific model?