Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4413-R2

  • AI
    The **M2AS1-4413-R2** is a specialized electronic component typically used in high-frequency RF (Radio Frequency) and telecommunications infrastructure. Specifically, it is a **Surface Mount (SMT) Isolator** or **Circulator** (part of the M2AS series). These parts are critical for protecting sensitive RF power amplifiers from signal reflections that could cause damage or interference. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the M2AS series by manufacturers like *Skyworks* or *TDK*, the specifications generally fall into the following ranges: | Feature | Specification Details | | :--- | :--- | | **Component Type** | RF Isolator / Circulator | | **Mounting Type** | Surface Mount Technology (SMT) | | **Frequency Range** | Typically tuned to 400 MHz - 450 MHz (UHF Band) | | **Insertion Loss** | Low (< 0.5 dB typical) | | **Isolation** | High (> 20 dB typical) | | **Power Handling** | Designed for high-power RF transmission | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Components & Materials The M2AS1-4413-R2 is a passive device that relies on the principles of **non-reciprocity**. Its internal construction includes: * **Ferrite Disks:** The "heart" of the device. These are ceramic materials with magnetic properties that shift the path of the RF signal based on direction. * **Permanent Magnets:** These provide a static magnetic field that biases the ferrite, allowing the signal to travel in one direction only. * **Conductor Circuit:** A copper/gold-plated trace (often in a "Y" or star shape) that carries the RF signal between the ports. * **Termination Resistor (For Isolators):** If configured as an isolator, one port is terminated with a high-power resistor to absorb reflected energy and turn it into heat. --- ### 3. Functional Operation The device functions as a "one-way street" for electronic signals: 1. **Forward Path:** The signal enters Port 1 and exits Port 2 with minimal loss. 2. **Reverse Path (Isolation):** If a signal reflects back into Port 2 (due to an antenna mismatch), the magnetic properties of the ferrite steer that signal away from Port 1 and into a dummy load. 3. **Protection:** This prevents the reflected energy from traveling back into the **Power Amplifier (PA)**, which would otherwise overheat or destroy the transistors. --- ### 4. Typical Applications * **Base Stations:** Used in 4G/5G macro cells and small cells. * **Repeaters:** Protecting the signal chain in signal boosters. * **Radio Transmitters:** Ensuring stability in UHF radio communications. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the 4413-R2 variant?
    • ⤷ How does insertion loss impact the overall efficiency of an RF system?
    • ⤷ Can this component be used in bidirectional communication without a duplexer?