Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4413-R2/N

  • AI
    Based on the technical nomenclature provided, the **M2AS1-4413-R2/N** appears to be a specialized mechanical/electronic assembly, likely part of an **industrial power transmission** or **motor-gearbox** system. While this specific part number is often associated with proprietary industrial assemblies (such as those from companies like *Sumitomo* or *SEW-Eurodrive*), we can break down the typical electronic and electromechanical components found in such a unit. --- ### 1. Technical Component Breakdown | Component Category | Likely Function | Description | | :--- | :--- | :--- | | **Electric Motor** | Prime Mover | Usually a 3-phase AC induction motor or a permanent magnet synchronous motor. | | **Gear Reducer** | Torque Multiplication | The "M2AS" prefix often refers to a specific mounting or frame size of a helical or cycloidal gearbox. | | **Brake Assembly** | Safety/Stopping | The "R2" suffix frequently denotes a regenerative or electromagnetic fail-safe brake system. | | **Feedback Sensor** | Positioning | May include an internal encoder or resolver for closed-loop speed control. | --- ### 2. Electronic Specifications (Estimated) In industrial systems of this series, the electronic parts typically adhere to the following standards: * **Insulation Class:** Class F or H (rated for high temperatures). * **Protection Rating:** IP55 or IP65 (dust and water jet protection). * **Voltage Range:** Typically 230V/460V AC or specialized DC voltages for the braking unit. * **Termination:** Terminal box containing a terminal block for star/delta wiring configurations. ### 3. Key Electronic Sub-assemblies #### A. Stator & Rotor The core electronic part where electromagnetic induction occurs. The copper windings are often vacuum-pressure impregnated (VPI) to ensure durability against electrical surges. #### B. Rectifier (for the /R2 component) If the "R2" refers to an integrated brake, there is an internal **bridge rectifier**. This converts AC supply voltage into DC to energize the brake coil, releasing the mechanical lock when power is applied. #### C. Thermal Protection Most units in this class feature **PTC Thermistors** or **Bimetallic Switches** embedded in the windings to signal the VFD (Variable Frequency Drive) to shut down if the unit overheats. --- ### 4. Application Context These parts are generally used in: * Conveyor systems. * Automated warehousing (AGVs). * Heavy-duty mixing equipment. * Precision motion control in manufacturing lines.
    ✨ Follow-up Questions
    • ⤷ Is this part number associated with a specific manufacturer like Sumitomo or SEW?
    • ⤷ What is the specific voltage requirement for the R2 brake module?
    • ⤷ Do you need the wiring diagram for the internal terminal block?