Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4414-R2/N

  • AI
    The **M2AS1-4414-R2/N** is a specific high-frequency, surface-mount electronic component typically used in telecommunications and data transmission hardware. It falls under the category of **Magnetic Modules**, specifically an **Ethernet Isolation Transformer**. --- ## 1. Component Specifications This part is designed to interface between the Physical Layer (PHY) chip and the network cable (RJ45). | Feature | Description | | :--- | :--- | | **Component Type** | LAN Transformer / Magnetic Module | | **Configuration** | Quad Port (supports 4 channels) | | **Speed Rating** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Mounting Type** | SMD (Surface Mount Device) | | **Isolation Voltage** | Typically 1500 Vrms | | **Operating Temp** | Standard (-40°C to +85°C for industrial grade) | --- ## 2. Internal Electronic Parts The device is not a single solid-state component but a module containing several micro-components inside its housing: ### A. Toroidal Cores Small ferrite rings wrapped with ultra-fine copper wire. These act as the primary and secondary windings of the transformer. They provide **Galvanic Isolation**, protecting the internal circuitry from high-voltage spikes on the network line. ### B. Common Mode Chokes (CMC) Included within the module to suppress Electromagnetic Interference (EMI). They allow the desired differential signals to pass through while blocking unwanted high-frequency noise common to both lines. ### C. Termination Resistors & Capacitors Some "R2" variants include internal "Bob Smith" termination circuits (typically 75-ohm resistors and high-voltage capacitors) to reduce emissions and handle impedance matching. --- ## 3. Functionality in a Circuit The M2AS1-4414-R2/N serves three critical roles in an electronic assembly: 1. **Signal Transmission:** It ensures the differential data signals are coupled efficiently from the PCB to the Ethernet cable. 2. **Impedance Matching:** It matches the impedance of the PHY chip (usually low) to the 100-ohm characteristic impedance of the Twisted Pair (UTP) cable. 3. **Protection:** It blocks DC offsets and prevents ground loops between different pieces of networking equipment. --- ## 4. Typical Applications * **Enterprise Networking:** Multi-port switches and routers. * **Industrial PC/Motherboards:** Providing quad-channel LAN connectivity. * **Servers:** High-density blade servers requiring multiple Ethernet ports in a small footprint.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the R2 and N versions?
    • ⤷ Can this module support Power over Ethernet (PoE)?
    • ⤷ What are the recommended reflow soldering profiles for this SMD part?