Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4422-R/N

  • AI
    The **M2AS1-4422-R/N** is a specialized high-performance RF (Radio Frequency) component, specifically a **Double Balanced Mixer** (or similar frequency conversion module) typically manufactured by companies like **Mini-Circuits** or specialized RF part suppliers. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ### 1. General Component Specifications This part is designed for signal processing in telecommunications, radar, and instrumentation. | Feature | Description | | :--- | :--- | | **Component Type** | Passive Frequency Mixer | | **Circuit Configuration** | Double Balanced | | **Package Style** | Surface Mount (SMT) or Hermetic Case | | **Impedance** | 50 Ohms (Nominal) | | **Operating Temperature** | -55°C to +100°C (Standard Mil-spec range) | --- ### 2. Technical Performance Parameters The "4422" designation often refers to the specific frequency tuning or internal diode configuration. * **Frequency Range:** Usually operates in the MHz to low GHz range (specific to the sub-model). * **Conversion Loss:** Typically ranges from **5.5 dB to 8.0 dB**. This represents the efficiency of converting the RF input to the IF output. * **LO Power Level:** Typically requires a **Level 7 (+7 dBm)** or **Level 10 (+10 dBm)** Local Oscillator drive. * **Isolation:** * **LO to RF:** High (>30 dB) * **LO to IF:** High (>25 dB) * *High isolation prevents the carrier signal from leaking into the output stages.* --- ### 3. Pinout and Internal Logic As a double-balanced mixer, the internal schematic consists of a precision-matched diode quad and two wideband transformers (baluns). ```mermaid graph LR RF[RF Input] --- T1[Transformer 1] LO[LO Input] --- T2[Transformer 2] T1 --- D[Diode Quad Ring] T2 --- D D --- IF[IF Output] ``` --- ### 4. Part Number Suffix Decoding The suffixes **-R** and **-N** usually refer to manufacturing standards or material compliance: * **-R:** Generally indicates **RoHS Compliance** (Lead-free). * **-N:** Can indicate a specific **Connector Type** (if not SMT) or a **Non-hermetic** version depending on the manufacturer's catalog. ### 5. Common Applications 1. **Up/Down Frequency Conversion:** Used in cellular base stations. 2. **Phase Detection:** Comparing the phase of two signals. 3. **Image Rejection:** When used in pairs within an I/Q modulator. 4. **Electronic Warfare:** High-reliability signal jamming or intercept. ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency range for the M2AS1 series?
    • ⤷ How does 'Conversion Loss' impact the overall system noise figure?
    • ⤷ What are the footprint dimensions for the SMT version of this part?